Electronic Components Datasheet Search
  English  ▼

X  

54ABT374J/883 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT374J/883
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT374J/883 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button 54ABT374J/883 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT374J/883 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT374J/883 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT374J/883 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT374J/883 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT374J/883 Datasheet HTML 9Page - National Semiconductor (TI) 54ABT374J/883 Datasheet HTML 10Page - National Semiconductor (TI) 54ABT374J/883 Datasheet HTML 11Page - National Semiconductor (TI) 54ABT374J/883 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Capacitance (Continued)
Dashed lines represent design characteristics; for specified guarantees, refer to AC Characteristics Tables.
t
PLH vs Load Capacitance TA = 25˚C,
8 Outputs Switching Clock to Output
DS100207-30
t
PHL vs Load Capacitance TA = 25˚C,
8 Outputs Switching Clock to Output
DS100207-31
t
PZH vs Load Capacitance TA = 25˚C,
8 Outputs Switching OE to Output
DS100207-32
t
PZL vs Load Capacitance TA = 25˚C,
8 Outputs Switching OE to Output
DS100207-33
t
PLH and tPHL vs Number Outputs Switching
C
L = 50 pF, TA = 25˚C, VCC = 5.0V,
Outputs in Phase Clock to Output
DS100207-34
Typical I
CC vs Output Switching Frequency
C
L = 0pF, VCC = VIH = 5.5V, 1 Output
Switching at 50% Duty Cycle Clock to Output
DS100207-35
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com