Electronic Components Datasheet Search
  English  ▼

X  

54ABT377 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT377
Description  Octal D-Type Flip-Flop with Clock Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT377 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ABT377 Datasheet HTML 1Page - National Semiconductor (TI) 54ABT377 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT377 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT377 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT377 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT377 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT377 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT377 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54ABT377
Octal D-Type Flip-Flop with Clock Enable
General Description
The ’ABT377 has eight edge-triggered, D-type flip-flops with
individual D inputs and Q outputs. The common buffered
Clock (CP) input loads all flip-flops simultaneously, when the
Clock Enable (CE) is LOW.
The register is fully edge-triggered. The state of each D in-
put, one setup time before the LOW-to-HIGH clock transi-
tion, is transferred to the corresponding flip-flop’s Q output.
The CE input must be stable only one setup time prior to the
LOW-to-HIGH clock transition for predictable operation.
Features
n Clock enable for address and data synchronization
applications
n Eight edge-triggered D flip-flops
n Buffered common clock
n See ’ABT273 for master reset version
n See ’ABT373 for transparent latch version
n See ’ABT374 for TRI-STATE® version
n Output sink capability of 48 mA, source capability of
24 mA
n Guaranteed latchup protection
n High impedance glitch free bus loading during entire
power up and power down cycle
n Non-destructive hot insertion capability
n Disable time less than enable time to avoid bus
contention
n Standard Microcircuit Drawing (SMD) 5962-9314801
Ordering Code:
Military
Package
Package Description
Number
54ABT377J-QML
J20A
20-Lead Ceramic Dual-In-Line
54ABT377W-QML
W20A
20-Lead Cerpack
54ABT377E-QML
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Connection Diagram
Pin
Names
Description
D
0–D7
Data Inputs
CE
Clock Enable (Active LOW)
CP
Clock Pulse Input
Q
0–Q7
Data Outputs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Pin Assignment for
DIP and Cerpack
DS100216-1
Pin Assignment for LCC
DS100216-11
July 1998
© 1998 National Semiconductor Corporation
DS100216
www.national.com


Similar Part No. - 54ABT377

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
Octal Transparent Latch with TRI-STATE Outputs
54ABT373 NSC-54ABT373 Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDCQB NSC-54ABT373CDCQB Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDCX NSC-54ABT373CDCX Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDMQB NSC-54ABT373CDMQB Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
More results

Similar Description - 54ABT377

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74ABT377 FAIRCHILD-74ABT377 Datasheet
101Kb / 9P
Octal D-Type Flip-Flop with Clock Enable
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
Octal D-Type Flip-Flop with Clock Enable
74F377 FAIRCHILD-74F377 Datasheet
62Kb / 6P
Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI-74ACT11377 Datasheet
71Kb / 5P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
Octal D-Type Flip-Flop with Clock Enable
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com