Electronic Components Datasheet Search
  English  ▼

X  

Z89169 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z89169
Description  DTAD CONTROLLERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89169 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z89169 Datasheet HTML 14Page - Zilog, Inc. Z89169 Datasheet HTML 15Page - Zilog, Inc. Z89169 Datasheet HTML 16Page - Zilog, Inc. Z89169 Datasheet HTML 17Page - Zilog, Inc. Z89169 Datasheet HTML 18Page - Zilog, Inc. Z89169 Datasheet HTML 19Page - Zilog, Inc. Z89169 Datasheet HTML 20Page - Zilog, Inc. Z89169 Datasheet HTML 21Page - Zilog, Inc. Z89169 Datasheet HTML 22Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
Z89165/166/167/168/169
DTAD CONTROLLERS
ZILOG
CP96TAD0103
ELECTRICAL CHARACTERISTICS
Z89165/166 A/D CONVERTER
A/D Converter Electrical Characteristics
V
CC = 5.0V ± 10%
Parameter
Minimum
Typical
Maximum
Units
Resolution
8
Bits
Integral non-linearity
0.5
1
LSB
Differential non-linearity
0.5
1
LSB
Zero Error at 25
°C
250
mV
Supply Range
4.5
5.0
5.5
Volts
Input voltage range
VA
LO
VA
HI
Volts
Conversion time
2
µsec
Input capacitance on ANA
25
60
pF
VA
HI
range
VA
LO +2.5
AV
CC
Volts
VA
LO range
AN
GND
AV
CC–2.5
Volts
VA
HI -–VALO
2.5
AV
CC
Volts
Notes:
Voltage 4.5V –5.5V
Temp 0-70
°C
Zilog’s products are not authorized for use as critical compo-
nents in life support devices or systems unless a specific written
agreement pertaining to such intended use is executed between
the customer and Zilog prior to use. Life support devices or
systems are those which are intended for surgical implantation
into the body, or which sustains life whose failure to perform,
when properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to result in
significant injury to the user.
Zilog, Inc. 210 East Hacienda Ave.
Campbell, CA 95008-6600
Telephone (408) 370-8000
Telex 910-338-7621
FAX 408 370-8056
Internet: http://www.zilog.com
© 1997 by Zilog, Inc. All rights reserved. No part of this document
may be copied or reproduced in any form or by any means
without the prior written consent of Zilog, Inc. The information in
this document is subject to change without notice. Devices sold
by Zilog, Inc. are covered by warranty and patent indemnification
provisions appearing in Zilog, Inc. Terms and Conditions of Sale
only. Zilog, Inc. makes no warranty, express, statutory, implied or
by description, regarding the information set forth herein or
regarding the freedom of the described devices from intellectual
property infringement. Zilog, Inc. makes no warranty of mer-
chantability or fitness for any purpose. Zilog, Inc. shall not be
responsible for any errors that may appear in this document.
Zilog, Inc. makes no commitment to update or keep current the
information contained in this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com