Electronic Components Datasheet Search
  English  ▼

X  

54ABT374W/883 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT374W/883
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT374W/883 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54ABT374W/883 Datasheet HTML 1Page - National Semiconductor (TI) 54ABT374W/883 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT374W/883 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT374W/883 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT374W/883 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT374W/883 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT374W/883 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT374W/883 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT374W/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DC Electrical Characteristics (Continued)
Symbol
Parameter
ABT374
Units
V
CC
Conditions
Min
Typ Max
I
CCD
Dynamic I
CC
No Load
mA/
Max
Outputs Open
(Note 4)
0.30
MHz
OE = GND, (Note 3)
One Bit Toggling, 50% Duty Cycle
Note 3: For 8-bit toggling, ICCD < 0.8 mA/MHz.
Note 4: Guaranteed, but not tested.
AC Electrical Characteristics
Symbol
Parameter
54ABT
Units
T
A = −55˚C to +125˚C
V
CC = 4.5V to 5.5V
C
L = 50 pF
Min
Max
f
max
Max Clock
150
MHz
Frequency
t
PLH
Propagation Delay
1.4
6.6
ns
t
PHL
CP to O
n
2.0
7.6
t
PZH
Output Enable Time
0.8
5.7
ns
t
PZL
1.5
7.2
t
PHZ
Output Disable Time
1.3
7.2
ns
t
PLZ
1.0
7.0
AC Operating Requirements
54ABT
T
A = −55˚C to +125˚C
Symbol
Parameter
V
CC = 4.5V to 5.5V
Units
C
L = 50 pF
Min
Max
t
s(H)
Setup Time, HIGH
2.5
ns
t
s(L)
or LOW D
n to CP
2.5
t
h(H)
Hold Time, HIGH
2.5
ns
t
h(L)
or LOW D
n to CP
2.5
t
w(H)
Pulse Width, CP
3.3
ns
t
w(L)
HIGH or LOW
3.3
Capacitance
Symbol
Parameter
Typ
Units
Conditions (T
A = 25˚C)
C
IN
Input Capacitance
5.0
pF
V
CC = 0V
C
OUT (Note 5)
Output Capacitance
9.0
pF
V
CC = 5.0V
Note 5: COUT is measured at frequency f = 1 MHz, per MIL-STD-883B, Method 3012.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com