Electronic Components Datasheet Search
  English  ▼

X  

Z89313 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z89313
Description  DIGITAL TELEVISION CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89313 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z89313 Datasheet HTML 1Page - Zilog, Inc. Z89313 Datasheet HTML 2Page - Zilog, Inc. Z89313 Datasheet HTML 3Page - Zilog, Inc. Z89313 Datasheet HTML 4Page - Zilog, Inc. Z89313 Datasheet HTML 5Page - Zilog, Inc. Z89313 Datasheet HTML 6Page - Zilog, Inc. Z89313 Datasheet HTML 7Page - Zilog, Inc. Z89313 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Z89313
CP95TEL0700
PRELIMINARY
GENERAL DESCRIPTION (Continued)
Functional Block Diagram
Capture
IRIN
ADC
ADC0
ADC1
ADC2
ADC3
ADC4
ADC5
Port 0
Port 00
Port 01
Port 02
Port 03
Port 04
Port 05
Port 06
Port 07
Port 08
Port 09
Control
XTAL1
XTAL2
LPF
HSYNC
VSYNC
/Reset
CPU
RAM
1K x 16
ROM
32K x 16
OSD
V1(R)
V2(G)
V3(B)
PWM
PWM1
PWM2
PWM3
PWM4
PWM5
PWM6
Port1
Port 10
Port 11
Port 12
Port 13
Port 14
Port 15
Port 16
Port 17
Port 00
Register Addr/Data
Address
Data
ROM Data
ROM Addr
CVI
Port 05
Port 04
Port 17
Port 18
I2C
SCL/MSCL2
SCD/MSCD2
MSCL1
MSCD1
Port 01/11
Port 02/12
HSYNC2
PWM6
Port 0A
Port 0B
Port 0C
Port 0D
Port 0E
Port 0F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com