Electronic Components Datasheet Search
  English  ▼

X  

PACUSBD Datasheet(PDF) 2 Page - ON Semiconductor

Part # PACUSBD
Description  USB Downstream Port Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSBD Datasheet(HTML) 2 Page - ON Semiconductor

  PACUSBD Datasheet HTML 1Page - ON Semiconductor PACUSBD Datasheet HTML 2Page - ON Semiconductor PACUSBD Datasheet HTML 3Page - ON Semiconductor PACUSBD Datasheet HTML 4Page - ON Semiconductor PACUSBD Datasheet HTML 5Page - ON Semiconductor PACUSBD Datasheet HTML 6Page - ON Semiconductor PACUSBD Datasheet HTML 7Page - ON Semiconductor PACUSBD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PACUSBD
http://onsemi.com
2
PACKAGE / PINOUT DIAGRAMS
5−Pin SOT23
PACUSB−D1Y5R
D+ CNTR
1
D+ CONN
2
34
5
GND
D− CNTR
D− CONN
5−Pin SC70
PACUSB−D1YB5R/−D2YB5R
D+ CNTR
1
D+ CONN
2
34
5
GND
D− CNTR
D− CONN
Top View
Top View
Note 1: The “n” shown in part markings above represents either the digit “1” or “2”.
Note 2: SOT23 and SC70 package sizes may differ. These drawing are not in scale.
Table 1. PIN DESCRIPTIONS
Pins
Name
Description
1
D+ CNTR
D+ Data to the USB Controller Circuitry
2
GND
Ground Pin
3
D− CNTR
D− Data to the USB Controller Circuitry
4
D− CONN
D− Data to the USB Connector
5
D+ CONN
D+ Data to the USB Connector
SPECIFICATIONS
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Storage Temperature Range
−65 to +150
C
Power Dissipation per Resistor
100
mW
Package Power Dissipation
200
mW
Voltage on any Pin (DC)
6
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. STANDARD OPERATING CONDITIONS
Parameter
Rating
Units
Operating Temperature
−40 to +85
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com