Electronic Components Datasheet Search
  English  ▼

X  

SVC203C Datasheet(PDF) 1 Page - ON Semiconductor

Part # SVC203C
Description  Varactor Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SVC203C Datasheet(HTML) 1 Page - ON Semiconductor

  SVC203C Datasheet HTML 1Page - ON Semiconductor SVC203C Datasheet HTML 2Page - ON Semiconductor SVC203C Datasheet HTML 3Page - ON Semiconductor SVC203C Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Publication Order Number :
SVC203C/D
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of this data sheet.
© Semiconductor Components Industries, LLC, 2014
October 2014 - Rev. 2
www.onsemi.com
SVC203C
Varactor Diode
Monolithic dual Varactor Diode for FM Tuning
16V, 50nA, CR=4.6, Q=60
1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Features
•
Dual type with a good linearity of C-V characteristic. Excels in large input characteristics
•
Small-sized package (CP) usable in ultrasmall-sized sets (surface mount type)
•
Applicable to FM wide band due to high capacitance ratio (VR=1.5 to 9V)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7013A-006
Product & Package Information
•Package
:CP
•JEITA,JEDEC
:SC-59,TO-236,SOT-23,TO-236AB
•Minimum Packing Quantity :3,000pcs./reel
Packing Type: TB
Marking
Electrical Connection
1 : Anode
2 : Anode
3 : Cathode
CP
12
3
2.9
0.95
0.4
0.1
TB
SVC203C-TB-E
AV LOT
No.
1
3
2


Similar Part No. - SVC203C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC203C SANYO-SVC203C Datasheet
50Kb / 4P
Diffused Junction Type Silicon Diode Varactor Diode for FM Low-Voltage Electronic Tuning Use
SVC203C SANYO-SVC203C Datasheet
348Kb / 6P
Varactor Diode for FM Low-Voltage Electronic Tuning Use
SVC203CP SANYO-SVC203CP Datasheet
82Kb / 3P
Varactor Diode for FM Low-Voltage Electronic Tuning Use
SVC203C SANYO-SVC203C_09 Datasheet
50Kb / 4P
Diffused Junction Type Silicon Diode Varactor Diode for FM Low-Voltage Electronic Tuning Use
SVC203C SANYO-SVC203C_12 Datasheet
348Kb / 6P
Varactor Diode for FM Low-Voltage Electronic Tuning Use
More results

Similar Description - SVC203C

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE616 NTE-NTE616 Datasheet
15Kb / 1P
Varactor Diode
NTE617 NTE-NTE617 Datasheet
19Kb / 2P
Varactor Diode
logo
Sanyo Semicon Device
SVC325 SANYO-SVC325 Datasheet
16Kb / 3P
Varactor Diode
logo
Advanced Semiconductor
MVAM115 ASI-MVAM115 Datasheet
23Kb / 1P
SILICON VARACTOR DIODE
REV. A
logo
Sensitron
SCP-5758 SENSITRON-SCP-5758 Datasheet
163Kb / 2P
HYPERABRUPT VARACTOR DIODE
logo
New Japan Radio
NJX1560 NJRC-NJX1560 Datasheet
57Kb / 3P
VARACTOR DIODE
logo
ON Semiconductor
SVC710 ONSEMI-SVC710 Datasheet
334Kb / 6P
Single Varactor Diode
September, 2013
logo
Renesas Technology Corp
1S2207 RENESAS-1S2207 Datasheet
229Kb / 4P
VARACTOR DIODE
1SV218 RENESAS-1SV218 Datasheet
190Kb / 4P
VARACTOR DIODE
1988
1SV222 RENESAS-1SV222 Datasheet
185Kb / 4P
VARACTOR DIODE
1988
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com