Electronic Components Datasheet Search
  English  ▼

X  

Z89332 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z89332
Description  Digital Television Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89332 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z89332 Datasheet HTML 1Page - Zilog, Inc. Z89332 Datasheet HTML 2Page - Zilog, Inc. Z89332 Datasheet HTML 3Page - Zilog, Inc. Z89332 Datasheet HTML 4Page - Zilog, Inc. Z89332 Datasheet HTML 5Page - Zilog, Inc. Z89332 Datasheet HTML 6Page - Zilog, Inc. Z89332 Datasheet HTML 7Page - Zilog, Inc. Z89332 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Z89332
Digital Television Controller
1-4
P R E L I M I N A R Y
CP96TEL0607
Table 1. 42-Pin SDIP Pin Identification
Name
Function
Z89332
Direction
Reset
Notes
VCC
+ 5 Volts
34
PWR
–
GND
0 Volts
13, 30
PWR
–
IRIN
Infrared Remote Capture
Input
36
I
I
ADC[4:0]
4-Bit A/D Converter Input
9, 10, 11, 12, 28
AI
I
PWM10, PWM9
14-Bit Pulse Width
Modulator Output
1, 2
O
O
PWM[5:1]
8-Bit Pulse Width Modulator
Output
3, 4, 5, 6, 7
OD/O*
O
Port0[F:0]
Bit Programmable
Input/Output Ports
21, -, -, -, -, -, 38, 37,
35, -, -, 15, 8, 40, 39,
11
B
I
[1]
Port1[8:0]
Bit Programmable
Input/Output Ports
16, 12, 20, 19, 18, 17,
42, 41, 14
BI
SCL
I2C Clock I/O
39 or 41
BOD
[2]
SCD
I2C Data I/O
40 or 42
BOD
[3]
XTAL1
Crystal Oscillator Input
31
AI
I
XTAL2
Crystal Oscillator Output
32
AO
O
LPF
Loop Filter
29
AB
O
HSYNC
H_SYNC
26
B
I
VSYNC
V_SYNC
27
B
I
/Reset
Device Reset
33
I
I
V[3:1]
OSD Video Output Typically
Drive B, G, and R Outputs
22, 23, 24
O
O
Blank
OSD Blank Output
25
O
O
HalfBlank
OSD Half-Blank Outpu
21
O
[4]
RGB Digital
Outputs
R[1:0], G[1:0], and B[1:0]
Outputs of the RGB Matrix
37, 14, 17, 16, 19, 18
O
[5]
SCLK
Internal Processor SCLK
20
O
[6]
Notes:
1) Port 0 [E:A] is not available on the 42-pin SDIP version.
2) SCL I/O pin is shared with Port 0 or Port 11.
3) SCD I/O pin is shared with Port 02 or Port 12.
4) Half Blank output is a function shared with Port 0F.
5) Digital RGB outputs and the internal SCLK are shared with Port 1 [5:0].
6) Internal processor SCLK is shared with Port 16.
*
PWM outputs are push/pull in Revision Z89332EA and later.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com