Electronic Components Datasheet Search
  English  ▼

X  

Z89462 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z89462
Description  16-BIT, FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89462 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z89462 Datasheet HTML 1Page - Zilog, Inc. Z89462 Datasheet HTML 2Page - Zilog, Inc. Z89462 Datasheet HTML 3Page - Zilog, Inc. Z89462 Datasheet HTML 4Page - Zilog, Inc. Z89462 Datasheet HTML 5Page - Zilog, Inc. Z89462 Datasheet HTML 6Page - Zilog, Inc. Z89462 Datasheet HTML 7Page - Zilog, Inc. Z89462 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Z89462
CP95DSP0400
2
PRELIMINARY
GENERAL DESCRIPTION (Continued)
Timers
CODEC
Program
RAM
1KW
WSG_BYWD
RAM1
512W
RAM0
512W
MDR
MBUS_RAM01
Control
X
Y
Multiplier
Bit
Field
Unit
BFR
ALU
AE
MUX
BA
PH
PPL
PB
BFB
32
8
32
A
AH
AL
RC
Repeat
Count
Reg
CR
Control
Reg
SR
Status
Reg
INT
CTL
User
Port
CLK
GEN
MAR
SP
FPR
PDR
PAR
PC
PBUS
Control
DSP Control
IR
INT2-0
/HLTHW
/HLTOUT
/RESET
3
IDB
16
16
16
16
16
rd,wr
16
UI1-0
UO1-0
CLKIN
CLK
VDD
VSS
ds
2
2
2
8
8
2
32
16
32
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com