Electronic Components Datasheet Search
  English  ▼

X  

Z8E520 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z8E520
Description  1.5 MBPS USB Device Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8E520 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z8E520 Datasheet HTML 9Page - Zilog, Inc. Z8E520 Datasheet HTML 10Page - Zilog, Inc. Z8E520 Datasheet HTML 11Page - Zilog, Inc. Z8E520 Datasheet HTML 12Page - Zilog, Inc. Z8E520 Datasheet HTML 13Page - Zilog, Inc. Z8E520 Datasheet HTML 14Page - Zilog, Inc. Z8E520 Datasheet HTML 15Page - Zilog, Inc. Z8E520 Datasheet HTML 16Page - Zilog, Inc. Z8E520 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Z8E520/C520
Zilog
1.5 MBPS USB Device Controller
DS97KEY2005
P R E L I M I N A R Y
13
1
PIN FUNCTIONS
Port A. Port A (4–7) includes a Sink configuration. Port A
(3–0) has a Switch configuration.
In Sink, the options include input wakeup, bidirectional,
push-pull or open drain configurations (Figure 7). The Sink
is programmable from 0–15 mA (in 1 mA increments).
In Switch, the options also include input wakeup, bidirec-
tional, push-pull or open drain configurations (Figure 8).
The only difference between the two is the programmable
Sink option.
Figure 7. Port A (4–7) Sink Configuration
Table 3. Port A (4–7) Programmable Current Sink Table
Symbol
Parameter
Min.
Max.
Units
Conditions
N
Number of Bits
Bits
4 bits, 16 settings, 0–15 mA
DNL
Diff Non-Linearity
0.50
LSB
I0
Zero Code/Disable
µA
Disabled
ILSB
LSB Current
0.65
1.35
mA
35%
IF
Full Scale Current
9.75
20.25
mA
35%, Note 1
Tsettle
Settling Time
1600
nS
Within 10% of final value
Iovershoot Overshoot Current
1.05*Iset
µA
Vcomp
Compliance Voltage
1.1
V
Above Vss with IFMAX
Notes:
1. Setting all (4) ISNK cells to full scale is a violation of the Absolute Maximum Rating Spec.
0 –15 m A/ 1 m A increm ents
Pa d
100 K
In
Vcc
V cc
Wa ke
TBD
± 30%
I SINK (3 :0)
Pullup Resistor Enable
Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com