Electronic Components Datasheet Search
  English  ▼

X  

LM101AH Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM101AH
Description  Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AH Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM101AH Datasheet HTML 4Page - Texas Instruments LM101AH Datasheet HTML 5Page - Texas Instruments LM101AH Datasheet HTML 6Page - Texas Instruments LM101AH Datasheet HTML 7Page - Texas Instruments LM101AH Datasheet HTML 8Page - Texas Instruments LM101AH Datasheet HTML 9Page - Texas Instruments LM101AH Datasheet HTML 10Page - Texas Instruments LM101AH Datasheet HTML 11Page - Texas Instruments LM101AH Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LM101A-N, LM201A-N, LM301A-N
SNOSBS0D – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics for Various Compensation Circuits
Pin connections shown are for 8-pin packages.
CS= 30 pF
CS= 30 pF
C2 = 10 C1
Figure 17. Single Pole Compensation
Figure 18. Two Pole Compensation
Open Loop Frequency Response
fo= 3 MHz
Figure 19. Feedforward Compensation
Figure 20.
Open Loop Frequency Response
Open Loop Frequency Response
Figure 21.
Figure 22.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM101A-N LM201A-N LM301A-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com