Electronic Components Datasheet Search
  English  ▼

X  

LM359 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM359
Description  Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM359 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM359 Datasheet HTML 17Page - Texas Instruments LM359 Datasheet HTML 18Page - Texas Instruments LM359 Datasheet HTML 19Page - Texas Instruments LM359 Datasheet HTML 20Page - Texas Instruments LM359 Datasheet HTML 21Page - Texas Instruments LM359 Datasheet HTML 22Page - Texas Instruments LM359 Datasheet HTML 23Page - Texas Instruments LM359 Datasheet HTML 24Page - Texas Instruments LM359 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LM359
www.ti.com
SNOSBT4C – MAY 1999 – REVISED MARCH 2013
•
1 MHz
−3 dB bandwidth with gain of 10 and 0 dbm into 600Ω
•
0.3% distortion at full bandwidth; reduced to 0.05% with bandwidth of 10 kHz
•
Will drive CL = 1500 pF with no additional compensation, ±0.01 μF with Ccomp = 180 pF
•
70 dB signal to noise ratio at 0 dbm into 600
Ω, 10 kHz bandwidth
Figure 45. Balanced Line Driver
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM359



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com