Electronic Components Datasheet Search
  English  ▼

X  

LM741 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM741
Description  Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM741 Datasheet(HTML) 5 Page - Texas Instruments

  LM741 Datasheet HTML 1Page - Texas Instruments LM741 Datasheet HTML 2Page - Texas Instruments LM741 Datasheet HTML 3Page - Texas Instruments LM741 Datasheet HTML 4Page - Texas Instruments LM741 Datasheet HTML 5Page - Texas Instruments LM741 Datasheet HTML 6Page - Texas Instruments LM741 Datasheet HTML 7Page - Texas Instruments LM741 Datasheet HTML 8Page - Texas Instruments LM741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LM741
www.ti.com
SNOSC25D – MAY 1998 – REVISED OCTOBER 2015
6.5 Electrical Characteristics, LM741
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
1
5
mV
Input offset voltage
RS ≤ 10 kΩ
TAMIN ≤ TA ≤ TAMAX
6
mV
Input offset voltage
TA = 25°C, VS = ±20 V
±15
mV
adjustment range
TA = 25°C
20
200
Input offset current
nA
TAMIN ≤ TA ≤ TAMAX
85
500
TA = 25°C
80
500
nA
Input bias current
TAMIN ≤ TA ≤ TAMAX
1.5
μA
Input resistance
TA = 25°C, VS = ±20 V
0.3
2
M
Ω
Input voltage range
TAMIN ≤ TA ≤ TAMAX
±12
±13
V
TA = 25°C
50
200
VS = ±15 V, VO = ±10 V, RL ≥ 2
Large signal voltage gain
V/mV
k
Ω
TAMIN ≤ TA ≤ TAMAX
25
RL ≥ 10 kΩ
±12
±14
Output voltage swing
VS = ±15 V
V
RL ≥ 2 kΩ
±10
±13
Output short circuit current
TA = 25°C
25
mA
Common-mode rejection ratio
RS ≤ 10 Ω, VCM = ±12 V, TAMIN ≤ TA ≤ TAMAX
80
95
dB
Supply voltage rejection ratio
VS = ±20 V to VS = ±5 V, RS ≤ 10 Ω, TAMIN ≤ TA ≤ TAMAX
86
96
dB
Rise time
0.3
μs
Transient
TA = 25°C, unity gain
response
Overshoot
5%
Slew rate
TA = 25°C, unity gain
0.5
V/
μs
Supply current
TA = 25°C
1.7
2.8
mA
TA = 25°C
50
85
Power consumption
VS = ±15 V
TA = TAMIN
60
100
mW
TA = TAMAX
45
75
(1)
Unless otherwise specified, these specifications apply for VS = ±15 V, −55°C ≤ TA ≤ +125°C (LM741/LM741A). For the
LM741C/LM741E, these specifications are limited to 0°C
≤ TA ≤ +70°C.
6.6 Electrical Characteristics, LM741A
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
0.8
3
mV
Input offset voltage
RS ≤ 50 Ω
TAMIN ≤ TA ≤ TAMAX
4
mV
Average input offset voltage
15
μV/°C
drift
Input offset voltage
TA = 25°C, VS = ±20 V
±10
mV
adjustment range
TA = 25°C
3
30
Input offset current
nA
TAMIN ≤ TA ≤ TAMAX
70
Average input offset
0.5
nA/°C
current drift
TA = 25°C
30
80
nA
Input bias current
TAMIN ≤ TA ≤ TAMAX
0.21
μA
TA = 25°C, VS = ±20 V
1
6
Input resistance
M
Ω
TAMIN ≤ TA ≤ TAMAX, VS = ±20 V
0.5
TA = 25°C
50
VS = ±20 V, VO = ±15 V, RL ≥ 2
k
Ω
Large signal voltage gain
TAMIN ≤ TA ≤ TAMAX
32
V/mV
VS = ±5 V, VO = ±2 V, RL ≥ 2 kΩ, TAMIN ≤ TA ≤ TAMAX
10
(1)
Unless otherwise specified, these specifications apply for VS = ±15 V, −55°C ≤ TA ≤ +125°C (LM741/LM741A). For the
LM741C/LM741E, these specifications are limited to 0°C
≤ TA ≤ +70°C.
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com