Electronic Components Datasheet Search
  English  ▼

X  

LM833D Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM833D
Description  Dual High-Speed Audio Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM833D Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM833D Datasheet HTML 9Page - Texas Instruments LM833D Datasheet HTML 10Page - Texas Instruments LM833D Datasheet HTML 11Page - Texas Instruments LM833D Datasheet HTML 12Page - Texas Instruments LM833D Datasheet HTML 13Page - Texas Instruments LM833D Datasheet HTML 14Page - Texas Instruments LM833D Datasheet HTML 15Page - Texas Instruments LM833D Datasheet HTML 16Page - Texas Instruments LM833D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
IN
í
IN+
VCC
VEE
VOUT
LM833
www.ti.com
SLOS481B – JULY 2010 – REVISED OCTOBER 2014
8 Detailed Description
8.1 Overview
The LM833 device is a dual operational amplifier with high-performance specifications for use in quality audio
and data-signal applications. This device operates over a wide range of single- and dual-supply voltage with low
noise, high-gain bandwidth, and high slew rate. Additional features include low total harmonic distortion, excellent
phase and gain margins, large output voltage swing with no deadband crossover distortions, and symmetrical
sink/source performance. The dual amplifiers are utilized widely in circuit of audio optimized for all preamp and
high-level stages in PCM and HiFi systems. The LM833 device is pin-for-pin compatible with industry-standard
dual operation amplifiers' pin assignments. With addition of a preamplifier, the gain of the power stage can be
greatly reduced to improve performance.
8.2 Functional Block Diagram
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com