Electronic Components Datasheet Search
  English  ▼

X  

LMV321M7 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMV321M7
Description  Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321M7 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV321M7 Datasheet HTML 2Page - Texas Instruments LMV321M7 Datasheet HTML 3Page - Texas Instruments LMV321M7 Datasheet HTML 4Page - Texas Instruments LMV321M7 Datasheet HTML 5Page - Texas Instruments LMV321M7 Datasheet HTML 6Page - Texas Instruments LMV321M7 Datasheet HTML 7Page - Texas Instruments LMV321M7 Datasheet HTML 8Page - Texas Instruments LMV321M7 Datasheet HTML 9Page - Texas Instruments LMV321M7 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N
LMV358-N-Q1, LMV324-N, LMV324-N-Q1
SNOS012J – AUGUST 2000 – REVISED DECEMBER 2014
www.ti.com
7.8 5-V DC Electrical Characteristics
Unless otherwise specified, all limits specified for T J = 25°C, V
+ = 5 V, V− = 0 V, V
CM = 2.0 V, VO = V
+/2 and R
L > 1 MΩ.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOS
Input Offset Voltage
1.7
7
mV
–40°C
≤ TJ ≤ 125°C
9
TCVOS
Input Offset Voltage Average Drift
5
µV/°C
IB
Input Bias Current
15
250
nA
–40°C
≤ TJ ≤ 125°C
500
IOS
Input Offset Current
5
50
nA
–40°C
≤ TJ ≤ 125°C
150
CMRR
Common Mode Rejection Ratio
0 V
≤ VCM ≤ 4 V
50
65
dB
PSRR
Power Supply Rejection Ratio
2.7 V
≤ V+ ≤ 5 V
50
60
dB
VO = 1V, VCM = 1 V
VCM
Input Common-Mode Voltage Range
For CMRR
≥ 50 dB
0
−0.2
V
4.2
4
V
AV
Large Signal Voltage Gain
RL = 2 kΩ
15
100
V/mV
(3)
RL = 2 kΩ, –40°C ≤ TJ ≤ 125°C
10
VO
Output Swing
RL = 2 kΩ to 2.5 V
V+
− 300
V+
−40
RL = 2 kΩ to 2.5 V, –40°C ≤ TJ ≤
V+
− 400
125°C
RL = 2 kΩ to 2.5 V
120
300
RL = 2 kΩ to 2.5 V, –40°C ≤ TJ ≤
400
125°C
mV
RL = 10 kΩ to 2.5 V
V+
− 100
V+
− 10
RL = 10 kΩ to 2.5 V, –40°C ≤ TJ ≤
V+
− 200
125°C
RL = 2 kΩ to 2.5 V
65
180
RL = 2 kΩ to 2.5 V, 125°C
280
IO
Output Short Circuit Current
Sourcing, VO = 0 V
5
60
mA
Sinking, VO = 5 V
10
160
IS
Supply Current
LMV321-N
130
250
LMV321-N, –40°C
≤ TJ ≤ 125°C
350
LMV358-N (both amps)
210
440
LMV358-N (both amps), –40°C
≤ TJ
615
µA
≤ 125°C
LMV324-N (all four amps)
410
830
LMV324-N (all four amps), –40°C
≤
1160
TJ ≤ 125°C
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
RL is connected to V
-. The output voltage is 0.5 V ≤ V
O ≤ 4.5 V.
6
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com