Electronic Components Datasheet Search
  English  ▼

X  

X9313 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9313
Description  Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9313 Datasheet(HTML) 2 Page - Intersil Corporation

  X9313 Datasheet HTML 1Page - Intersil Corporation X9313 Datasheet HTML 2Page - Intersil Corporation X9313 Datasheet HTML 3Page - Intersil Corporation X9313 Datasheet HTML 4Page - Intersil Corporation X9313 Datasheet HTML 5Page - Intersil Corporation X9313 Datasheet HTML 6Page - Intersil Corporation X9313 Datasheet HTML 7Page - Intersil Corporation X9313 Datasheet HTML 8Page - Intersil Corporation X9313 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN8177.7
October 7, 2015
Submit Document Feedback
Pin Descriptions
RH/VH and RL/VL
The high (RH/VH) and low (RL/VL) terminals of the X9313
are equivalent to the fixed terminals of a mechanical
potentiometer. The terminology of RL/VL and RH/VH
references the relative position of the terminal in relation to
wiper movement direction selected by the U/D input and not
the voltage potential on the terminal.
RW/VW
RW/VW is the wiper terminal and is equivalent to the
movable terminal of a mechanical potentiometer. The
position of the wiper within the array is determined by the
control inputs. The wiper terminal series resistance is
typically 40
 at VCC = 5V.
Up/Down (U/D)
The U/D input controls the direction of the wiper movement
and whether the counter is incremented or decremented.
Increment (INC)
The INC input is negative-edge triggered. Toggling INC will
move the wiper and either increment or decrement the
counter in the direction indicated by the logic level on the
U/D input.
Ordering Information
PART NUMBER
PART
MARKING
VCC RANGE
(V)
RTOTAL
(k
)
TEMPERATURE
RANGE
(°C)
PACKAGE
PKG.
DWG. #
X9313UMIZ* (Note)
DDB
4.5 to 5.5
50
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9313USZ* (Note)
X9313U Z
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9313USIZ* (Note)
X9313U ZI
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
X9313WMZ* (Note)
DDF
10
0 to +70
8 Ld MSOP (Pb-free)
M8.118
X9313WMIZ* (Note)
DDE
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9313WPIZ
X9313WP ZI
-40 to +85
8 Ld PDIP*** (Pb-free)
MDP0031
X9313WSZ* (Note)
X9313W Z
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9313WSIZ* (Note)
X9313WS ZI
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
X9313ZMZ* (Note)
DDJ
1
0 to +70
8 Ld MSOP (Pb-free)
M8.118
X9313ZMIZ* (Note)
DDH
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9313ZSZ* (Note)
X9313 Z
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9313ZSIZ* (Note)
X9313ZS ZI
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
X9313UMZ* (Note)
DDC
3 to 5.5
50
0 to +70
8 Ld MSOP
M8.118
X9313UMZ-3* (Note)
DDD
3 to 5.5
50
0 to +70
8 Ld MSOP
M8.118
X9313UMIZ-3* (Note)
13UEZ
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9313USZ-3* (Note)
X9313U ZD
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9313WMZ-3* (Note)
DDG
10
0 to +70
8 Ld MSOP (Pb-free)
M8.118
X9313WMIZ-3* (Note)
13WEZ
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9313WSZ-3* (Note)
X9313W ZD
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9313ZMZ-3* (Note)
DDK
1
0 to +70
8 Ld MSOP (Pb-free)
M8.118
X9313ZMIZ-3* (Note)
13ZEZ
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9313ZSZ-3* (Note)
X9313Z ZD
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9313ZSIZ-3* (Note)
X9313Z ZE
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
*Add “T1” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
**Add "T2" suffix for tape and reel. Please refer to TB347 for details on reel specifications.
***Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
X9313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com