Electronic Components Datasheet Search
  English  ▼

X  

54ABT646 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT646
Description  Octal Transceivers and Registers with TRI-STATE Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT646 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 54ABT646 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 9Page - National Semiconductor (TI) 54ABT646 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DC Electrical Characteristics (Continued)
Note 4: For 8-bit toggling, ICCD < 1.4 mA/MHz.
Note 5: Guaranteed but not tested.
AC Electrical Characteristics
54ABT
T
A = −55˚C to +125˚C
Fig.
Symbol
Parameter
V
CC = 4.5V– 5.5V
Units
No.
C
L = 50 pF
Min
Max
f
max
Max Clock Frequency
125
MHz
t
PLH
Propagation Delay
2.2
8.8
ns
Figure 8
t
PHL
Clock to Bus
1.7
8.8
t
PLH
Propagation Delay
1.5
7.9
ns
Figure 8
t
PHL
Bus to Bus
1.5
7.9
t
PLH
Propagation Delay
1.5
8.1
ns
Figure 8
t
PHL
SBA or SAB to A
n to Bn
1.5
8.9
t
PZH
Enable Time
1.0
7.3
ns
Figure 10
t
PZL
OE to A
n or Bn
1.9
8.8
t
PHZ
Disable Time
1.5
9.3
ns
Figure 10
t
PLZ
OE to A
n or Bn
1.5
9.3
t
PZH
Enable Time
1.0
7.7
ns
Figure 10
t
PZL
DIR to A
n or Bn
2.2
9.5
t
PHZ
Disable Time
1.5
8.7
ns
Figure 10
t
PLZ
DIR to A
n or Bn
1.5
9.2
AC Operating Requirements
54ABT
T
A = −55˚C to +125˚C
Fig.
Symbol
Parameter
V
CC = 4.5V– 5.5V
Units
No.
C
L = 50 pF
Min
Max
t
S(H)
Setup Time, HIGH
3.5
ns
Figure 11
t
S(L)
or LOW Bus to Clock
t
H(H)
Hold Time, HIGH
1.0
ns
Figure 11
t
H(L)
or LOW Bus to Clock
t
W(H)
Pulse Width,
4.0
ns
Figure 9
t
W(L)
HIGH or LOW
Capacitance
Symbol
Parameter
Typ
Units
Conditions
T
A = 25˚C
C
IN
Input Capacitance
5
pF
V
CC = 0V (non I/O pins)
C
I/O (Note 6)
Output Capacitance
11
pF
V
CC = 5.0V (An,Bn)
Note 6: CI/O is measured at frequency, f = 1 MHz, per MIL-STD-883B, Method 3012.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com