Electronic Components Datasheet Search
  English  ▼

X  

3250 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3250
Description  Square Trimming Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3250 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3250 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3250/RT22/RTR22 - 1/2 ” Square Trimming Potentiometer
Specifications are subject to change without notice.
Features
Multiturn / Wirewound / Sealed
Listed on the QPL for style RT22 per
MIL-R-27208 and RTR22 per
High-Rel MIL-R-39015
Panel Mount option available
Electrical Characteristics
Standard Resistance Range
3250 .....................................10 to 50K ohms
RT22 .....................................50 to 20K ohms
RTR22 ................................500 to 20K ohms
(see standard resistance table)
Resistance Tolerance .......................±5 % std.
(tighter tolerance available)
Absolute Minimum Resistance
......0.1 % or 1 ohm max. (whichever is greater)
Noise...............................100 ohms ENR max.
Resolution .....................See Resistance Table
Insulation Resistance .........................500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level........................................1,000 vac
80,000 Feet .......................................400 vac
Adjustment Travel ......................25 turns nom.
Environmental Characteristics
Power Rating @ 85 °C
3250 ..................................................1.0 watt
RT22/RTR22 ...................................0.75 watt
Power Rating @ 150 °C .........................0 watt
Temperature Range.............-65 °C to +150 °C
Temperature Coefficient
3250 ...........................................±50 ppm/°C
RT22/RTR22...............................±50 ppm/°C
Seal Test ......85 °C Fluorinert* (pin styles only)
Humidity ................MIL-STD-202 Method 106
3250 .................(2 % ∆TR; 100 Megohms IR)
RT22...................(1 % ∆TR; 10 Megohms IR)
RTR22 ..............(1 % ∆TR; 100 Megohms IR)
Vibration ...................................................30 G
(1 % ∆TR; 0.5 % + resolution ∆VR)
Shock .....................................................100 G
(1 % ∆TR; 0.5 % + resolution ∆VR)
Load Life
3250 ...............1,000 hours 1.0 watt @ 85 °C
(2 % ∆TR; 500 ohms ENR)
RT22 ............1,000 hours 0.75 watt @ 85 °C
(2 % ∆TR; 2 % + resolution ∆VR)
RTR22 ........10,000 hours 0.75 watt @ 85 °C
(3 % ∆TR; 2 % + resolution ∆TR)
Rotational Life.................................200 cycles
3250 ....................(2 % ∆TR; 500 ohms ENR)
RT22/RTR22 ..................................(2 % ∆TR)
Physical Characteristics
Torque ......................................5.0 oz-in. max.
Mechanical Stops ..........................Wiper idles
Terminals
3250..............Solderable printed circuit pins
Flexible leads (7 strands of 30 AWG)
RT22/RTR22 .......MIL-STD-202; Method 208
Weight .................................................0.06 oz.
Machine Screw Mounting
Torque .....................................12 oz-in. max.
Marking
3250.....................Manufacturer’s trademark,
resistance code, terminal numbers,
date code, manufacturer’s model
number and style
RT22/RTR22 ..............Mil-spec part number
Wiper ........................................Set at CW end
Flammability....................................U.L. 94V-0
Standard Packaging
P&W Styles..........................25 pcs. per tube
L Style...................................25 pcs. per bag
Adjustment Tool .......................................H-90
1
3 GREEN
CW
CLOCKWISE
YELLOW
CCW
2 WIPER
RED
1.98
(.078)
3250P/RT22/RTR22 Common Dimensions
(Pin Styles)
12.7
(.500)
TYP.
TYP.
DIA. THRU
(2 PLACES)
.89
(.035)
TYP.
1.78
(.070)
5.59
(.220)
TYP.
13.33 ± .64
(.525 ± .025)
.71 ± .08
(.028 ± .003)
2.54
(.100)
2.54
(.100)
6.35
(.250)
1
2
3
"L" Flex Lead Type
RT22 has mounting slots
RTR22 has mounting holes
2.36
(.093)
13.21
(.520)
12.70
(.500)
1.40
(.055)
4.75
(.187)
.89
(.035)
1.52
(.060)
152.4
(6.00)
2.79
(.110)
3250W/RT22/RTR22
2
1
3
3250W-66/RT22X/RTR22X
2
1
3
2.79
(.110)
12.7
(.500)
12.7
(.500)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
6.35
(.250)
6.35
(.250)
6.35
(.250)
DIA. TYP.
TYP.
TYP.
TYP.
TYP.
TYP.
LENGTH
MIN.
DIA. THRU
(2 PLACES)
13.21
(.520)
2.03 ± .38
(.080 ± .015)
WIDE
X
X
DEEP
DIA.
ADJ. SLOT
3.1
(.122)
.64
(.024)
Standard Resistance Table
Popular values listed in boldface. Special
resistances available.
How To Order
3250 L - 1 - 103 M
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Optional Suffix Letter
M = Panel Mount
(Factory Installed)
See “Mil-Spec Numbering System” for RT22/
RTR22 ordering information.
Consult factory for other available options.
Nominal
Resistance
Resistance
Resolution
(Ohms)
Code
(Percent)
10
100
1.30
20
200
1.00
50
500
0.80
100
101
0.90
200
201
0.70
500
501
0.60
1,000
102
0.40
2,000
202
0.30
5,000
502
0.25
10,000
103
0.19
20,000
203
0.16
25,000
253
0.14
50,000
503
0.13
SHADED AREAS TYPICALLY NOT STOCKED BY
DISTRIBUTORS AND NOT RECOMMENDED FOR NEW
DESIGNS.
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
*”FLUORINERT” IS A REGISTERED TRADEMARK OF 3M CO.
REV. 02/03


Similar Part No. - 3250

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3250 LINEAR-3250 Datasheet
298Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
List of Unclassifed Man...
3250 ETC1-3250 Datasheet
48Kb / 1P
4700
logo
Alpha Wire
3250 ALPHAWIRE-3250 Datasheet
69Kb / 3P
Customer Specification
3250 ALPHAWIRE-3250 Datasheet
98Kb / 4P
Customer Specification
2/22/2023
logo
Heyco.
3250 HEYCO-3250 Datasheet
233Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
More results

Similar Description - 3250

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJ22FW103 BOURNS-RJ22FW103 Datasheet
142Kb / 1P
Square Trimming Potentiometer
RJ24FL202 BOURNS-RJ24FL202 Datasheet
169Kb / 1P
Square Trimming Potentiometer
logo
DB Lectro Inc
3223-P-100 DBLECTRO-3223-P-100 Datasheet
440Kb / 1P
Square Trimming Potentiometer
3266-P-100 DBLECTRO-3266-P-100 Datasheet
496Kb / 1P
Square Trimming Potentiometer
3296-P-100 DBLECTRO-3296-P-100 Datasheet
433Kb / 1P
Square Trimming Potentiometer
3362-P-100 DBLECTRO-3362-P-100 Datasheet
475Kb / 1P
Square Trimming Potentiometer
logo
Bourns Electronic Solut...
3266 BOURNS-3266 Datasheet
156Kb / 2P
Square Trimming Potentiometer
logo
Kingtronics Internation...
RKT-3362 KINGTRONICS-RKT-3362 Datasheet
462Kb / 1P
SQUARE TRIMMING POTENTIOMETER
logo
Suntan Capacitors
TSR-3266 SUNTAN-TSR-3266_17 Datasheet
312Kb / 1P
Square Trimming Potentiometer
TSR-3362 SUNTAN-TSR-3362_17 Datasheet
647Kb / 1P
Square Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com