Electronic Components Datasheet Search
  English  ▼

X  

87C52EBPN Datasheet(PDF) 32 Page - NXP Semiconductors

Part # 87C52EBPN
Description  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C52EBPN Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button 87C52EBPN Datasheet HTML 28Page - NXP Semiconductors 87C52EBPN Datasheet HTML 29Page - NXP Semiconductors 87C52EBPN Datasheet HTML 30Page - NXP Semiconductors 87C52EBPN Datasheet HTML 31Page - NXP Semiconductors 87C52EBPN Datasheet HTML 32Page - NXP Semiconductors 87C52EBPN Datasheet HTML 33Page - NXP Semiconductors 87C52EBPN Datasheet HTML 34Page - NXP Semiconductors 87C52EBPN Datasheet HTML 35Page - NXP Semiconductors 87C52EBPN Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
Philips Semiconductors
Product specification
80C52/80C54/80C58
CMOS single-chip 8-bit microcontrollers
2
1996 Aug 16
853–1470 17196
DESCRIPTION
The 80C52/80C54/80C58 Single-Chip 8-Bit Microcontroller is
manufactured in an advanced CMOS process and is a derivative of
the 80C51 microcontroller family. The 80C52/80C54/80C58 has the
same instruction set as the 80C51.
This device provides architectural enhancements that make it
applicable in a variety of applications for general control systems.
The 80C52 contains 8k
× 8 ROM memory, the 80C54 contains
16k
× 8 ROM memory, and 80C58 contains 32k × 8 ROM memory, a
volatile 256
× 8 read/write data memory, four 8-bit I/O ports, three
16-bit timer/event counters, a multi-source, four-priority-level, nested
interrupt structure, an enhanced UART and on-chip oscillator and
timing circuits. For systems that require extra capability, the
80C52/54/58 can be expanded using standard TTL compatible
memories and logic.
Its added features make it an even more powerful microcontroller for
applications that require pulse width modulation, high-speed I/O and
up/down counting capabilities such as motor control. It also has a
more versatile serial channel that facilitates multiprocessor
communications.
See 87C52/80C32 and 87C54/87C58 data sheets for EPROM and
ROMless devices.
FEATURES
• 80C51 central processing unit
• Full static operation
• 8k × 8 ROM: 80C52;
16k
× 8 ROM: 80C54;
32k
× 8 ROM: 80C58;
all capable of addressing external memory to 64k bytes
– Two level program security system
– 64 byte encryption array
• 256 × 8 RAM, expandable externally to 64k bytes
• Speed range up to 33MHz
• Operating voltage 5V ±10%
• Three 16-bit timer/counters
– T2 is an up/down counter
• 6 interrupt sources
• 4 level priority
• Four 8-bit I/O ports
• Full-duplex enhanced UART
– Framing error detection
– Automatic address recognition
• Power control modes
– Idle mode
– Power-down mode
• Once (On Circuit Emulation) Mode
• Five package styles
• Programmable clock out
• Low EMI (Inhibit ALE)
• Second DPTR register
• Asynchronous port reset
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
T2/P1.0
T2EX/P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
RST
RxD/P3.0
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
P1.7
WR/P3.6
RD/P3.7
XTAL2
XTAL1
VSS
P2.0/A8
P2.1/A9
P2.2/A10
P2.3/A11
P2.4/A12
P2.5/A13
P2.6/A14
P2.7/A15
PSEN
ALE
EA
P0.7/AD7
P0.6/AD6
P0.5/AD5
P0.4/AD4
P0.3/AD3
P0.2/AD2
P0.1/AD1
P0.0/AD0
VCC
DUAL
IN-LINE
PACKAGE
SU00740



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com