Electronic Components Datasheet Search
  English  ▼

X  

87C52EBFFA Datasheet(PDF) 22 Page - NXP Semiconductors

Part # 87C52EBFFA
Description  CMOS single-chip 8-bit microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C52EBFFA Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button 87C52EBFFA Datasheet HTML 18Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 19Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 20Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 21Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 22Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 23Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 24Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 25Page - NXP Semiconductors 87C52EBFFA Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
Philips Semiconductors
Product specification
80C32/87C52
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
22
A0–A7
1
1
1
4–6MHz
+5V
PGM DATA
+12.75V
25 100
µs PULSES TO GROUND
0
1
0
A8–A12
P1
RST
P3.6
P3.7
XTAL2
XTAL1
VSS
VCC
P0
EA/VPP
ALE/PROG
PSEN
P2.7
P2.6
P2.0–P2.4
87C52
SU00071
Figure 17. Programming Configuration
ALE/PROG:
ALE/PROG:
1
0
1
0
25 PULSES
100
µs+10
10
µs MIN
SU00018
Figure 18. PROG Waveform
A0–A7
1
1
1
4–6MHz
+5V
PGM DATA
1
1
0
0 ENABLE
0
A8–A12
P1
RST
P3.6
P3.7
XTAL2
XTAL1
VSS
VCC
P0
EA/VPP
ALE/PROG
PSEN
P2.7
P2.6
P2.0–P2.4
87C52
SU00072
Figure 19. Program Verification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com