Electronic Components Datasheet Search
  English  ▼

X  

DMTH4004SPS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMTH4004SPS
Description  40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4004SPS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMTH4004SPS Datasheet HTML 1Page - Diodes Incorporated DMTH4004SPS Datasheet HTML 2Page - Diodes Incorporated DMTH4004SPS Datasheet HTML 3Page - Diodes Incorporated DMTH4004SPS Datasheet HTML 4Page - Diodes Incorporated DMTH4004SPS Datasheet HTML 5Page - Diodes Incorporated DMTH4004SPS Datasheet HTML 6Page - Diodes Incorporated DMTH4004SPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMTH4004SPS
Document number: DS37325 Rev. 4 - 2
3 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMTH4004SPS
V
, DRAIN -SOURCE VOLTAGE (V)
DS
Figure 1 Typical Output Characteristics
0
30
60
90
120
150
0
0.5
1
1.5
2
2.5
3
V
= 3.5V
GS
V
= 4.0V
GS
V
= 4.5V
GS
V
= 5.0V
GS
V
= 6.0V
GS
V
= 10.0V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
5
10
15
20
25
30
0
1
2
3
4
5
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5.0V
DS
T = 175°C
A
2.0
2.1
2.2
2.3
2.4
2.5
2.6
10
30
50
70
90
110 130 150 170 190 210
I , DRAIN SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 10V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Transfer Characteristics
0
3
6
9
12
15
2
4
6
8
10
12
14
16
18
20
I = 100A
D
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
0
0.001
0.002
0.003
0.004
0.005
0.006
10
30
50
70
90
110
130
150
V
= 10V
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 175°C
A
T , JUNCTION TEMPERATURE ( C)
J
Figure 6 On-Resistance Variation with Temperature
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-50
-25
0
25
50
75
100 125
150 175
V
= 10V
GS
I = 90A
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com