Electronic Components Datasheet Search
  English  ▼

X  

DMTH4007SPD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMTH4007SPD
Description  40V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4007SPD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMTH4007SPD Datasheet HTML 1Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 2Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 3Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 4Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 5Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 6Page - Diodes Incorporated DMTH4007SPD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMTH4007SPD
Document number: DS37359 Rev. 3 - 2
1 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMTH4007SPD
40V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) max
ID max
TC = +25°C
(Note 9)
40V
8.6m
Ω @ VGS = 10V
45A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high-efficiency power management applications.
Backlighting
Power Management Functions
DC-DC Converters
Features and Benefits
Rated to +175°C
– Ideal for High Ambient Temperature
Environments
High Conversion Efficiency
Low RDS(ON) – Minimizes On State Losses
Low Input Capacitance
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: PowerDI5060-8
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMTH4007SPD-13
PowerDI5060-8
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3.
Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Pin Out
Top View
Equivalent Circuit
= Manufacturer’s Marking
H4007SD = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 14 = 2014)
WW = Week (01 - 53)
D1
S1
G1
D2
S2
G2
Bottom View
Top View
Pin1
S1
D2
D1
G2
D1
D2
G1
S2
S1
D1
G1
S2
G2
D1
D2
D2
H4007SD
YY WW


Similar Part No. - DMTH4007SPD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4007SPDQ DIODES-DMTH4007SPDQ Datasheet
493Kb / 8P
40V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH4007SPDQ-13 DIODES-DMTH4007SPDQ-13 Datasheet
493Kb / 8P
40V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
More results

Similar Description - DMTH4007SPD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH4006SK3 DIODES-DMNH4006SK3 Datasheet
652Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMNH4011SK3 DIODES-DMNH4011SK3 Datasheet
545Kb / 6P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH4004LK3 DIODES-DMTH4004LK3 Datasheet
455Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH4004SCTB DIODES-DMTH4004SCTB Datasheet
701Kb / 6P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMTH4004SPS DIODES-DMTH4004SPS Datasheet
431Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMTH4007SPDQ DIODES-DMTH4007SPDQ Datasheet
493Kb / 8P
40V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH4007SPS DIODES-DMTH4007SPS Datasheet
396Kb / 8P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMTH4004LPS DIODES-DMTH4004LPS Datasheet
559Kb / 6P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH4007SK3 DIODES-DMTH4007SK3 Datasheet
393Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH4004SPS DIODES-DMTH4004SPS_17 Datasheet
530Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com