Electronic Components Datasheet Search
  English  ▼

X  

54ABT652 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT652
Description  Octal Transceivers and Registers with TRI-STATE Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT652 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button 54ABT652 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 9Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 10Page - National Semiconductor (TI) 54ABT652 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DC Electrical Characteristics
Symbol
Parameter
Max
Units
V
CC
Conditions
C
L = 50 pF, RL = 500Ω
V
OLP
Quiet Output Maximum Dynamic V
OL
1.2
V
5.0
T
A = 25˚C (Note 7)
V
OLV
Quiet Output Minimum Dynamic V
OL
-1.8
V
5.0
T
A = 25˚C (Note 7)
Note 7: Max number of outputs defined as (n).n−1 data inputs are driven 0V to 3V. One output at LOW. Guaranteed, but not tested.
AC Electrical Characteristics
54ABT
T
A = −55˚C to +125˚C
Fig.
Symbol
Parameter
V
CC = 4.5V– 5.5V
Units
No.
C
L = 50 pF
Min
Max
f
max
Max Clock Frequency
125
MHz
t
PLH
Propagation Delay
1.4
7.8
ns
Figure
5
t
PHL
Clock to Bus
1.2
8.4
t
PLH
Propagation Delay
1.5
6.7
ns
Figure
5
t
PHL
Bus to Bus
1.5
6.7
t
PLH
Propagation Delay
1.2
6.9
ns
Figure
5
t
PHL
SBA or SAB to A
n to Bn
1.2
7.7
t
PZH
Enable Time
1.3
5.6
ns
Figure
7
t
PZL
OEBA or OEAB to A
n or Bn
2.0
7.8
t
PHZ
Disable Time
1.5
8.2
ns
Figure
7
t
PLZ
OEBA or OEAB to A
n or Bn
1.5
7.3
AC Operating Requirements
54ABT
T
A = −55˚C to +125˚C
Fig.
Symbol
Parameter
V
CC = 4.5V– 5.5V
Units
No.
C
L = 50 pF
Min
Max
t
S(H)
Setup Time, HIGH
3.5
ns
Figure
8
t
S(L)
or LOW Bus to Clock
t
H(H)
Hold Time, HIGH
1.5
ns
Figure
8
t
H(L)
or LOW Bus to Clock
t
W(H)
Pulse Width,
4.0
ns
Figure
6
t
W(L)
HIGH or LOW
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com