Electronic Components Datasheet Search
  English  ▼

X  

HA10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HA10
Description  Uncompromising enterprise-class reliability and quality
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HA10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HA10 Datasheet HTML 1Page - List of Unclassifed Manufacturers HA10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product name
Specifications
Model/Part No.
HMH7210A0ALE600
HMH7210A0ALE601
HMH7210A0ALE604
HMH7210A0ALN600
HMH7210A0ALN601
HMH7210A0ALN604
HMH7210A0AL4600
HMH7210A0AL4601
HMH7210A0AL4604
Configuration
Interface
SATA 6Gb/s
SAS 6Gb/s
Capacity1 (TB)
10
Format: Sector size3 (bytes)
512e: 512-Byte
4Kn: 4096
4Kn: 4096, 4112, 4160,
4224
Max. Areal density (Gbits/sq. in.)
830
←
Performance
Data buffer4 (MB)
256
←
Rotational speed (RPM)
7200
←
Latency average (ms)
4.16
←
Interface transfer rate5 (MB/s, max)
600
←
Sustained transfer rate5 (MB/s, typ.)
157 (read), 68 (write)* ←
Seek time6 (read, ms, typical)
8.5**
←
Reliability
Error rate (non-recoverable, bits read)
1 in 1015
←
Load/Unload cycles (at 40ºC)
600,000
←
Availability (hrs/day x days/wk)
24x7
←
MTBF2 (M hours)
2.0
←
Warranty (yrs)
5
←
Acoustics
Idle (Bels, typical)
2.0
←
Power
Requirement
+5 VDC (+/-5%),
+12 VDC (+/-5%)
←
←
Operating7 (W, typical)
7.6
8.4
Idle8 (W)
5.1
5.7
Power consumption efficiency at Idle (W/TB)
(W/GB)
0.51
0.00051
0.57
0.00057
Physical size
z-height (mm)
26.1
←
Dimensions (width x depth, mm)
101.6 (+/-0.25) x 147
←
Weight (g, max)
650
←
Environmental (Operating)
Ambient temperature
10ºC to 60ºC
←
Shock (half-sine wave, read operation, G)
70 (2ms)
←
Vibration (G RMS 5 to 500 Hz)
0.67, all axes
←
Environmental (Non-Operating)
Ambient temperature
-40º to 70º C
←
Shock (half-sine wave, G)
300 (1ms) / 150 (11ms) ←
Random vibration (G RMS 2 to 200 Hz)
1.04, all axes
←
Ultrastar® Archive Ha10
DATA SHEET
3.5-INCH ACTIVE ARCHIVE ENTERPRISE HARD DISK DRIVES
How to read the Ultrastar model number
HMH7210A0ALE600 = 10TB, SATA 6Gb/s 512e
H = HGST
M = Host-Managed SMR technology
H = Helium technology
72 = 7200 RPM
10 = Full capacity — 10,000GB (10TB)
A0 = Hexidecimal capacity this model, A0 = 10TB
A = Generation code
L = Low-profile 26.1mm z-height
E6 = Interface;
E6 = SATA 6Gb/s 512e
N6 = SATA 6Gb/s 4Kn
46 = SAS 6Gb/s 4Kn
0 = Reserved
0 = Data Security Mode
0 = Instant Secure Erase
1 = SED encryption (TCG/SAS, BDE/SATA)
4 = No encryption, overwrite Secure Erase
* For every write command, verify read of previous track is completed to ensure data reliability to achieve 2M hrs
MTBF enterprise-grade reliability and quality while achieving 10TB industry-highest HDD capacity.
** With SMR technology, write is always sequential in an SMR zone. Average seek time for write is not defined.
1
One TB is equal to one trillion bytes when referring to hard drive capacity. Accessible capacity will vary from the
stated capacity due to formatting and partitioning of the hard drives, the operating system and other factors.
2
MTBF target is based on a sample population and is estimated by statistical measurements and acceleration
algorithms under nominal operating conditions. MTBF ratings are not intended to predict an individual drive’s
reliability. MTBF does not constitute a warranty.
3
Sector Size: Advanced Format drive: 4K (4096-byte) physical sectors, 512e provides 512 emulation
4
Portion of buffer capacity used for firmware
5
One MB/s is equal to 1,000,000 Bytes per second
6
Excludes command overhead
7
Operating power based on SATA models: 8K Queue Depth of 1, SAS models: 4K Queue Depth of 1
8
Idle specification is based on use of Idle_A
© 2015 HGST, Inc., 3403 Yerba Buena Road, San Jose, CA 95135 USA. Produced in the United
States 6/15, revised 8/15. All rights reserved.
Ultrastar and HelioSeal are registered trademarks of HGST, Inc. and its affiliates in the United States
and/or other countries. Other trademarks are property of their respective companies.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which
HGST has obtained the rights to use, market and advertise the brand. Contact HGST for additional
information. HGST shall not be liable to third parties for unauthorized use of this document or
unauthorized use of its trademarks.
References in this publication to HGST’s products, programs, or services do not imply that HGST
intends to make these available in all countries in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty.
Information is true as of the date of publication and is subject to change. Actual specifications for
unique part numbers may vary.
Please visit the Support section of our website, www.hgst.com/support, for additional information on
product specifications. Photographs may show design models.
DS35-EN-US-0815-02
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com