Electronic Components Datasheet Search
  English  ▼

X  

54AC00 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC00
Description  Quad 2-Input NAND Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC00 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC00 Datasheet HTML 1Page - National Semiconductor (TI) 54AC00 Datasheet HTML 2Page - National Semiconductor (TI) 54AC00 Datasheet HTML 3Page - National Semiconductor (TI) 54AC00 Datasheet HTML 4Page - National Semiconductor (TI) 54AC00 Datasheet HTML 5Page - National Semiconductor (TI) 54AC00 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54AC00/54ACT00
Quad 2-Input NAND Gate
General Description
The ’AC/’ACT00 contains four 2-input NAND gates.
Features
n
I
CC reduced by 50%
n
Outputs source/sink 24 mA
n
’ACT00 has TTL-compatible inputs
n
Standard Microcircuit Drawing (SMD)
— ’AC00: 5962-87549
— ’ACT00: 5962-87699
n
54AC00 now qualified to 300Krad RHA designation,
refer to the SMD for more information
Logic Symbol
IEEE/IEC
10025701
Pin Names
Description
A
n,Bn
Inputs
O
n
Outputs
Connection Diagrams
Pin Assignment for
DIP and Flatpak
Pin Assignment
for LCC
10025703
10025702
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
July 2003
© 2003 National Semiconductor Corporation
DS100257
www.national.com


Similar Part No. - 54AC00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
54AC00 INTERSIL-54AC00 Datasheet
24Kb / 4P
Quad 2-Input NAND Gate
July 1998
logo
Silicon Supplies
54AC00 SS-54AC00 Datasheet
435Kb / 5P
Advanced CMOS Logic
54AC00 SS-54AC00 Datasheet
358Kb / 5P
Advanced CMOS Logic
Rev 1.0 19/02/21
54AC00 SS-54AC00_V01 Datasheet
358Kb / 5P
Advanced CMOS Logic
Rev 1.0 19/02/21
More results

Similar Description - 54AC00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
Quad 2-input NAND gate
1990 Oct 04
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
QUAD 2 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
Quad 2-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC00 RENESAS-HD74AC00 Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
HD74AC02 RENESAS-HD74AC02 Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com