Electronic Components Datasheet Search
  English  ▼

X  

RC4580 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # RC4580
Description  Dual Audio Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RC4580 Datasheet(HTML) 11 Page - Texas Instruments

Back Button RC4580 Datasheet HTML 7Page - Texas Instruments RC4580 Datasheet HTML 8Page - Texas Instruments RC4580 Datasheet HTML 9Page - Texas Instruments RC4580 Datasheet HTML 10Page - Texas Instruments RC4580 Datasheet HTML 11Page - Texas Instruments RC4580 Datasheet HTML 12Page - Texas Instruments RC4580 Datasheet HTML 13Page - Texas Instruments RC4580 Datasheet HTML 14Page - Texas Instruments RC4580 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
0
2
4
6
8
10
12
0
2
4
6
8
10
12
VIN (V)
C002
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
VIN (V)
C001
±12
±8
±4
0
4
8
12
16
0
2
4
6
8
10
12
VIN (V)
C003
RC4580
www.ti.com
SLOS412D – APRIL 2003 – REVISED NOVEMBER 2014
Typical Application (continued)
8.1.3 Application Curves
The measured transfer functions in Figure 14, Figure 15, and Figure 16 were generated by sweeping the input
voltage from 0 V to 12 V. However, this design should only be used between 2 V and 10 V for optimum linearity.
Figure 14. Differential Output Voltage vs Input Voltage
Figure 15. Positive Output Voltage vs Input Voltage
Figure 16. Positive Output Voltage vs Input Voltage
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: RC4580



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com