Electronic Components Datasheet Search
  English  ▼

X  

TL082CM Datasheet(PDF) 3 Page - Texas Instruments

Part # TL082CM
Description  Wide Bandwidth Dual JFET Input Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL082CM Datasheet(HTML) 3 Page - Texas Instruments

  TL082CM Datasheet HTML 1Page - Texas Instruments TL082CM Datasheet HTML 2Page - Texas Instruments TL082CM Datasheet HTML 3Page - Texas Instruments TL082CM Datasheet HTML 4Page - Texas Instruments TL082CM Datasheet HTML 5Page - Texas Instruments TL082CM Datasheet HTML 6Page - Texas Instruments TL082CM Datasheet HTML 7Page - Texas Instruments TL082CM Datasheet HTML 8Page - Texas Instruments TL082CM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TL082-N
www.ti.com
SNOSBW5C – APRIL 1998 – REVISED APRIL 2013
DC Electrical Characteristics
(1)
TL082C
Symbol
Parameter
Conditions
Units
Min
Typ
Max
VOS
Input Offset Voltage
RS = 10 kΩ, TA = 25°C
5
15
mV
Over Temperature
20
mV
ΔVOS/ΔT
Average TC of Input Offset Voltage
RS = 10 kΩ
10
μV/°C
IOS
Input Offset Current
Tj = 25°C,
(1) (2)
25
200
pA
Tj ≤ 70°C
4
nA
IB
Input Bias Current
Tj = 25°C,
(1) (2)
50
400
pA
Tj ≤ 70°C
8
nA
RIN
Input Resistance
Tj = 25°C
1012
Ω
AVOL
Large Signal Voltage Gain
VS = ±15V, TA = 25°C,
25
100
V/mV
VO = ±10V, RL = 2 kΩ
Over Temperature
15
V/mV
VO
Output Voltage Swing
VS = ±15V, RL = 10 kΩ
±12
±13.5
V
VCM
Input Common-Mode Voltage
VS = ±15V
±11
+15
V
Range
−12
V
CMRR
Common-Mode Rejection Ratio
RS ≤ 10 kΩ
70
100
dB
PSRR
Supply Voltage Rejection Ratio
(3)
70
100
dB
IS
Supply Current
3.6
5.6
mA
(1)
These specifications apply for VS = ±15V and 0°C ≤TA ≤ +70°C. VOS, IB and IOS are measured at VCM = 0.
(2)
The input bias currents are junction leakage currents which approximately double for every 10°C increase in the junction temperature,
Tj. Due to the limited production test time, the input bias currents measured are correlated to junction temperature. In normal operation
the junction temperature rises above the ambient temperature as a result of internal power dissipation, PD. Tj = TA + θjA PD where θjA is
the thermal resistance from junction to ambient. Use of a heat sink is recommended if input bias current is to be kept to a minimum.
(3)
Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with
common practice. VS = ±6V to ±15V.
AC Electrical Characteristics
(1)
TL082C
Symbol
Parameter
Conditions
Units
Min
Typ
Max
Amplifier to Amplifier Coupling
TA = 25°C, f = 1Hz-20 kHz
−120
dB
(Input Referred)
SR
Slew Rate
VS = ±15V, TA = 25°C
8
13
V/
μs
GBW
Gain Bandwidth Product
VS = ±15V, TA = 25°C
4
MHz
en
Equivalent Input Noise Voltage
TA = 25°C, RS = 100Ω,
25
nV/
√Hz
f = 1000 Hz
in
Equivalent Input Noise Current
Tj = 25°C, f = 1000 Hz
0.01
pA/
√Hz
THD
Total Harmonic Distortion
AV = +10, RL = 10k,
<0.02
%
VO = 20 Vp − p,
BW = 20 Hz
−20 kHz
(1)
These specifications apply for VS = ±15V and 0°C ≤TA ≤ +70°C. VOS, IB and IOS are measured at VCM = 0.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TL082-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com