Electronic Components Datasheet Search
  English  ▼

X  

TS321 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TS321
Description  Low-Power Single Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS321 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS321 Datasheet HTML 2Page - Texas Instruments TS321 Datasheet HTML 3Page - Texas Instruments TS321 Datasheet HTML 4Page - Texas Instruments TS321 Datasheet HTML 5Page - Texas Instruments TS321 Datasheet HTML 6Page - Texas Instruments TS321 Datasheet HTML 7Page - Texas Instruments TS321 Datasheet HTML 8Page - Texas Instruments TS321 Datasheet HTML 9Page - Texas Instruments TS321 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
0
5
10
15
20
25
±50
±25
0
25
50
75
100
125
Temperature (C)
Vcc = 15V
C001
±45
±40
±35
±30
±25
±20
±15
±10
±5
0
±50
±25
0
25
50
75
100
125
Temperature (C)
Vcc = 15V
C001
0.0
0.5
1.0
1.5
2.0
2.5
0.01
0.1
1
10
IOL (mA)
-40C
25C
125C
C001
0.0
0.5
1.0
1.5
2.0
2.5
±50
±25
0
25
50
75
100
125
Temperature (C)
Iout = 3mA
Iout = 15mA
C001
0
5
10
15
20
25
30
35
40
45
±50
±25
0
25
50
75
100
125
Temperature (C)
Vcc = 5V
C001
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
±50
±25
0
25
50
75
100
125
Temperature (C)
Vcc = 5V
Vcc = 30V
C001
TS321
SLOS489C – DECEMBER 2005 – REVISED APRIL 2015
www.ti.com
7.6 Typical Characteristics
Figure 1. Input Current vs Temperature
Figure 2. Supply Current vs Temperature
Figure 3. Output Sinking Characteristics
Figure 4. Output Sourcing Characteristics
Figure 5. Short Circuit Current to Supply (1)
Figure 6. Short Circuit Current to Ground
(1)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TS321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com