Electronic Components Datasheet Search
  English  ▼

X  

TLV333ID Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV333ID
Description  CMOS Operational Amplifiers Zero-Drift
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV333ID Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV333ID Datasheet HTML 9Page - Texas Instruments TLV333ID Datasheet HTML 10Page - Texas Instruments TLV333ID Datasheet HTML 11Page - Texas Instruments TLV333ID Datasheet HTML 12Page - Texas Instruments TLV333ID Datasheet HTML 13Page - Texas Instruments TLV333ID Datasheet HTML 14Page - Texas Instruments TLV333ID Datasheet HTML 15Page - Texas Instruments TLV333ID Datasheet HTML 16Page - Texas Instruments TLV333ID Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
V
OUT
R = 20 kW
P
Op Amp V = GND
-
Device
V
IN
V+ = 5 V
-5 V
Additional
Negative
Supply
5 kW
Device
10 mA max
5 V
V
IN
V
OUT
I
OVERLOAD
TLV333, TLV2333, TLV4333
www.ti.com
SBOS751 – DECEMBER 2015
Feature Description (continued)
8.3.2 Input Voltage
The TLV333, TLV2333, and TLV4333 input common-mode voltage range extends 0.1 V beyond the supply rails.
The TLV333 is designed to cover the full range without the troublesome transition region found in some other
rail-to-rail amplifiers.
Typically, input bias current is approximately 200 pA; however, input voltages that exceed the power supplies
can cause excessive current to flow into or out of the input pins. Momentary voltages greater than the power
supply can be tolerated if the input current is limited to 10 mA. This limitation is easily accomplished with an input
resistor, as shown in Figure 18.
NOTE: A current-limiting resistor required if the input voltage exceeds the supply rails by
≥ 0.3 V.
Figure 18. Input Current Protection
8.3.3 Internal Offset Correction
The TLV333, TLV2333, and TLV4333 op amps use an auto-calibration technique with a time-continuous, 125-
kHz op amp in the signal path. This amplifier is zero-corrected every 8 µs using a proprietary technique. Upon
power-up, the amplifier requires approximately 100
μs to achieve specified VOS accuracy. This design has no
aliasing or flicker noise.
8.3.4 Achieving Output Swing to the Op Amp Negative Rail
Some applications require output voltage swings from 0 V to a positive full-scale voltage (such as 2.5 V) with
excellent accuracy. With most single-supply op amps, problems arise when the output signal approaches 0 V,
near the lower output swing limit of a single-supply op amp. A good single-supply op amp can swing close to
single-supply ground, but does not reach ground. The output of the TLV333, TLV2333, and TLV4333 can be
made to swing to ground, or slightly below, on a single-supply power source. This swing to ground requires the
use of another resistor and an additional, more negative, power supply than the op amp negative supply.
Connect a pull-down resistor between the output and the additional negative supply to pull the output down
below the value that the output can otherwise achieve, as shown in Figure 19.
Figure 19. For VOUT Range to Ground
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TLV333 TLV2333 TLV4333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com