Electronic Components Datasheet Search
  English  ▼

X  

TL972IP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL972IP
Description  Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL972IP Datasheet(HTML) 3 Page - Texas Instruments

  TL972IP Datasheet HTML 1Page - Texas Instruments TL972IP Datasheet HTML 2Page - Texas Instruments TL972IP Datasheet HTML 3Page - Texas Instruments TL972IP Datasheet HTML 4Page - Texas Instruments TL972IP Datasheet HTML 5Page - Texas Instruments TL972IP Datasheet HTML 6Page - Texas Instruments TL972IP Datasheet HTML 7Page - Texas Instruments TL972IP Datasheet HTML 8Page - Texas Instruments TL972IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TL971...DBV PACKAGE
(TOP VIEW)
1
2
3
5
4
OUT
V
CC–
IN+
IN–
V
CC+
1
2
3
4
8
7
6
5
NC
OUT
NC
NC
IN–
IN+
TL971...D PACKAGE
(TOP VIEW)
V
CC–
V
C +
C
1
2
3
4
8
7
6
5
OUT2
IN2–
IN2+
OUT1
IN1–
IN1+
TL972...D, DGK, P, OR PW PACKAGE
(TOP VIEW)
V
CC+
V
CC–
OUT1
8
1
5
6
7
4
3
2
OUT2
IN2+
IN2–
IN1+
IN1–
TL972...DRG PACKAGE
(TOP VIEW)
V
CC+
V
CC–
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT1
IN1–
IN1+
IN2+
IN2–
OUT2
OUT4
IN4–
IN4+
IN3+
IN3–
OUT3
TL974...D, N, OR PW PACKAGE
(TOP VIEW)
V
CC–
V
CC+
NC – No internal connection
TL971, TL972, TL974
www.ti.com
SLOS467H – OCTOBER 2006 – REVISED JANUARY 2015
6 Pin Configuration and Functions
Pin Functions
PIN
TL971
TL971
TL972
TL974
TYPE
DESCRIPTION
NAME
D, DGK, P,
DBV
D
DRG
D, N, PW
PW
IN+
3
3
—
—
—
I
Noninverting input
IN–
4
2
—
—
—
I
Inverting input
IN1+
—
—
3
3
3
I
Noninverting input
IN1–
—
—
2
2
2
I
Inverting input
IN2+
—
—
5
5
5
I
Noninverting input
IN2–
—
—
6
6
6
I
Inverting input
IN3+
—
—
—
—
10
I
Noninverting input
IN3–
—
—
—
—
9
I
Inverting input
IN4+
—
—
—
—
12
I
Noninverting input
IN4–
—
—
—
—
13
I
Inverting input
1
NC
—
5
—
—
—
—
No Connect
8
OUT
1
6
—
—
—
O
Output
OUT1
—
—
1
1
1
O
Output
OUT2
—
—
7
7
7
O
Output
OUT3
—
—
—
—
8
O
Output
OUT4
—
—
—
—
14
O
Output
VCC+
5
7
8
8
4
-
Positive supply
VCC–
2
4
4
4
11
-
Negative supply
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TL971 TL972 TL974



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com