Electronic Components Datasheet Search
  English  ▼

X  

TL972IPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL972IPW
Description  Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL972IPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL972IPW Datasheet HTML 2Page - Texas Instruments TL972IPW Datasheet HTML 3Page - Texas Instruments TL972IPW Datasheet HTML 4Page - Texas Instruments TL972IPW Datasheet HTML 5Page - Texas Instruments TL972IPW Datasheet HTML 6Page - Texas Instruments TL972IPW Datasheet HTML 7Page - Texas Instruments TL972IPW Datasheet HTML 8Page - Texas Instruments TL972IPW Datasheet HTML 9Page - Texas Instruments TL972IPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
0
4
8
12
16
20
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Output Current – mA
0
4
8
12
16
20
24
28
32
2
4
6
8
10
12
14
Supply Voltage – V
CL = 30 pF
CL = 130 pF
CL = 250 pF
0.0001
0.001
0.01
0.1
1
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Output Voltage – Vrms
VCC = 5 V
f = 1 kHz
Gain = -1 V/V
RL = 2 k
RL = 10 k
k
Ω
k
Ω
1
10
100
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
f – Frequency – Hz
VCC = 10 V
RS = 100 ©
AV = 40 dB
10
100
1k
10k
100k
Ω
0.0001
0.001
0.01
0.1
1
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency – Hz
VCC = 5 V
VIN = 1 Vrms
Gain = -1 V/V
RL = 2 k◊
RL = 10 k◊
k
Ω
k
Ω
10
100
1k
10k
100k
0.001
0.01
0.1
1
0
0.25
0.5
0.75
1
1.25
1.5
Output Voltage – Vrms
VCC = 2.7 V
f = 1 kHz
Gain = -1 V/V
RL = 2 k
RL = 10 k
k
Ω
k
Ω
TL971, TL972, TL974
SLOS467H – OCTOBER 2006 – REVISED JANUARY 2015
www.ti.com
Typical Characteristics (continued)
Figure 3. Total Harmonic Distortion vs Frequency
Figure 4. Total Harmonic Distortion + Noise vs Output
Voltage
Figure 6. Input Voltage Noise vs Frequency
Figure 5. Total Harmonic Distortion + Noise vs Output
Voltage
Figure 8. Gain Bandwidth Product vs Supply Voltage
Figure 7. Gain Bandwidth Product vs Output Current
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TL971 TL972 TL974



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com