Electronic Components Datasheet Search
  English  ▼

X  

54AC02 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC02
Description  Quad 2-Input NOR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC02 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC02 Datasheet HTML 1Page - National Semiconductor (TI) 54AC02 Datasheet HTML 2Page - National Semiconductor (TI) 54AC02 Datasheet HTML 3Page - National Semiconductor (TI) 54AC02 Datasheet HTML 4Page - National Semiconductor (TI) 54AC02 Datasheet HTML 5Page - National Semiconductor (TI) 54AC02 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54AC02
Quad 2-Input NOR Gate
General Description
The ’AC02 contains four, 2-input NOR gates.
Features
n ICC reduced by 50% on 54AC/74AC02 only
n Outputs source/sink 24 mA
n ’ACT02 has TTL-compatible inputs
n Standard Military Drawing (SMD)
— AC02: 5962-87612
n For Military 54ACT02 device see 54ACTQ02
Logic Symbol
Pin Names
Description
A
n,Bn
Inputs
O
n
Outputs
Connection Diagrams
FACT™ is a trademark of Fairchild Semiconductor Corporation.
IEEE/IEC
DS100258-1
Pin Assignment for DIP and Flatpak
DS100258-3
Pin Assignment for LCC
DS100258-2
July 1998
© 1998 National Semiconductor Corporation
DS100258
www.national.com


Similar Part No. - 54AC02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
Intersil Corporation
54AC00 INTERSIL-54AC00 Datasheet
24Kb / 4P
Quad 2-Input NAND Gate
July 1998
logo
Silicon Supplies
54AC00 SS-54AC00 Datasheet
435Kb / 5P
Advanced CMOS Logic
54AC00 SS-54AC00 Datasheet
358Kb / 5P
Advanced CMOS Logic
Rev 1.0 19/02/21
54AC00 SS-54AC00_V01 Datasheet
358Kb / 5P
Advanced CMOS Logic
Rev 1.0 19/02/21
More results

Similar Description - 54AC02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com