Electronic Components Datasheet Search
  English  ▼

X  

PCA9564PW Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9564PW
Description  Parallel bus to I2C-bus controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9564PW Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9564PW Datasheet HTML 9Page - NXP Semiconductors PCA9564PW Datasheet HTML 10Page - NXP Semiconductors PCA9564PW Datasheet HTML 11Page - NXP Semiconductors PCA9564PW Datasheet HTML 12Page - NXP Semiconductors PCA9564PW Datasheet HTML 13Page - NXP Semiconductors PCA9564PW Datasheet HTML 14Page - NXP Semiconductors PCA9564PW Datasheet HTML 15Page - NXP Semiconductors PCA9564PW Datasheet HTML 16Page - NXP Semiconductors PCA9564PW Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Philips Semiconductors
Product data
PCA9564
Parallel bus to I2C-bus controller
2003 Apr 02
13
Table 4.
Slave Receiver Mode
APPLICATION SOFTWARE RESPONSE
STATUS
CODE
STATUS OF THE
I2C BUS AND
TO I2CCON
NEXT ACTION TAKEN BY SIO HARDWARE
(I2CSTA)
SIO HARDWARE
TO/FROM I2CDAT
STA
STO
SI
AA
60H
Own SLA+W has
been received; ACK
No I2CDAT action
or
X
X
0
0
Data byte will be received and NOT ACK will be
returned
has been returned
no I2CDAT action
X
X
0
1
Data byte will be received and ACK will be returned
68H
Arbitration lost in
SLA+R/W as master;
Own SLA+W has
No I2CDAT action
or
X
X
0
0
Data byte will be received and NOT ACK will be
returned
Own SLA+W has
been received, ACK
returned
no I2CDAT action
X
X
0
1
Data byte will be received and ACK will be returned
80H
Previously addressed
with own SLV
address; DATA has
Read data byte or
X
X
0
0
Data byte will be received and NOT ACK will be
returned
address; DATA has
been received; ACK
has been returned
read data byte
X
X
0
1
Data byte will be received and ACK will be returned
88H
Previously addressed
with own SLA; DATA
Read data byte or
0
X
0
0
Switched to not addressed SLV mode; no recognition
of own SLA
byte has been
received; NOT ACK
read data byte or
0
X
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized
has been returned
read data byte or
1
X
0
0
Switched to not addressed SLV mode; no recognition
of own SLA. A START condition will be transmitted
when the bus becomes free
read data byte
1
X
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized. A START condition will be transmitted
when the bus becomes free.
A0H
A STOP condition or
repeated START
No I2CDAT action
or
0
X
0
0
Switched to not addressed SLV mode; no recognition
of own SLA
condition has been
received while still
No I2CDAT action
or
0
X
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized
addressed as
SLV/REC
No I2CDAT action
or
1
X
0
0
Switched to not addressed SLV mode; no recognition
of own SLA. A START condition will be transmitted
when the bus becomes free
No I2CDAT action
1
X
0
1
Switched to not addressed SLV mode; Own SLA will
be recognized. A START condition will be transmitted
when the bus becomes free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com