Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA16 Datasheet(PDF) 275 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 275 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 271Page - ATMEL Corporation ATMEGA16 Datasheet HTML 272Page - ATMEL Corporation ATMEGA16 Datasheet HTML 273Page - ATMEL Corporation ATMEGA16 Datasheet HTML 274Page - ATMEL Corporation ATMEGA16 Datasheet HTML 275Page - ATMEL Corporation ATMEGA16 Datasheet HTML 276Page - ATMEL Corporation ATMEGA16 Datasheet HTML 277Page - ATMEL Corporation ATMEGA16 Datasheet HTML 278Page - ATMEL Corporation ATMEGA16 Datasheet HTML 279Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 315 page
background image
275
ATmega16(L)
2466E–AVR–10/02
Programming Enable Register
The Programming Enable Register is a 16-bit register. The contents of this register is
compared to the programming enable signature, binary code 1010_0011_0111_0000.
When the contents of the register is equal to the programming enable signature, pro-
gramming via the JTAG port is enabled. The register is reset to 0 on Power-on Reset,
and should always be reset when leaving Programming mode.
Figure 139. Programming Enable Register
Programming Command
Register
The Programming Command Register is a 15-bit register. This register is used to seri-
ally shift in programming commands, and to serially shift out the result of the previous
command, if any. The JTAG Programming Instruction Set is shown in Table 116. The
state sequence when shifting in the programming commands is illustrated in Figure 141.
TDI
TDO
D
A
T
A
=
DQ
ClockDR & PROG_ENABLE
Programming Enable
$A370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com