Electronic Components Datasheet Search
  English  ▼

X  

H2016B-3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # H2016B-3
Description  NEMA Contactors & Starters 33-79
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

H2016B-3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  H2016B-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers H2016B-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers H2016B-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers H2016B-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
February 2007
CA08102001E
For more information visit: www.eaton.com
33-85
NEMA Contactors & Starters
33
Freedom
Starters — 3-Phase Non-reversing and Reversing, Full Voltage, Bi-Metallic Overload
Product Selection
When Ordering Supply
■ Catalog Number
■ Heater pack number (see selection
table, Pages 33-117 – 33-118) or full load
current.
Table 33-101. Type AN16/AN56 NEMA — Manual or Automatic Reset Overload Relay — Non-reversing and Reversing
Note: Starter Catalog Numbers do not include heater packs. Select one carton of three heater packs. Heater pack selection, Pages 33-117 – 33-118.
Underscore (_) indicates coil suffix required, see Table 33-102.
Maximum horsepower rating of starters for 380V 50 Hz applications:
The service-limit current ratings represent the maximum rms current, in amperes, which the controller shall be permitted to carry for protracted periods
in normal service. At service-limit current ratings, temperature rises shall be permitted to exceed those obtained by testing the controller at its
continuous current rating. The current rating of overload relays or trip current of other motor protective devices used shall not exceed the service-limit
current rating of the controller.
Common control. For separate 120V control, insert letter D in 7th position of listed Catalog Number. EXAMPLE: AN56VND0CB.
Magnet Coils — AC or DC
Starter coils listed in this section also
have a 50 Hz rating as shown in the
adjacent table. Select required starter
by Catalog Number and replace the
magnet coil alpha designation in the
Catalog Number (_) with the proper
Code Suffix from the adjacent table.
For Sizes 00 – 2 and 5 – 8, the magnet
coil alpha designation will be the next
to last digit of the listed Catalog Num-
ber. EXAMPLE: For a 380V, 50 Hz coil,
change AN16BN0_C to AN16BN0LC.
For all other sizes, the magnet coil
alpha designation will be the last digit
of the listed Catalog Number.
For DC Magnet Coils, see Accessories,
Pages 33-98 – 33-99.
Table 33-102. AC Suffix Code
NEMA Sizes 00 and 0 only.
NEMA Sizes 00 and 0 only. Sizes 1 – 8 are
24/60 only.
NEMA
Size
Continuous
Ampere
Rating
Service-Limit
Current
Rating
(Amperes)
Maximum UL Horsepower
3-Pole
Non-reversing
3-Pole
Reversing
Vertical
Reversing
Price
U.S. $
1-Phase
3-Phase
115V
230V
208V
240V
480V
600V
Catalog
Number
Price
U.S. $
Catalog
Number
Catalog
Number
00
9
11
1/3
1
1-1/2
1-1/2
2
2
AN16AN0_C
AN56AN0_C
—
0
18
21
1
2
335
5
AN16BN0_C
AN56BN0_C
AN56BNV0_
1
27
32
2
3
7-1/2
7-1/2
10
10
AN16DN0_B
AN56DN0_B
AN56DNV0_
2
45
52
3
7-1/2
10
15
25
25
AN16GN0_B
AN56GN0_B
AN56GNV0_
3
90
104
—
—
25
30
50
50
AN16KN0_
AN56KN0_
AN56KNV0_
4
135
156
—
—
40
50
100
100
AN16NN0_
AN56NN0_
AN56NNV0_
5
270
311
—
—
75
100
200
200
AN16SN0_B
AN56SN0_B
—
6
540
621
—
—
150
200
400
400
AN16TN0_C
AN56TN0_C
—
7
810
932
—
—
200
300
600
600
AN16UN0_B
AN56UN0_B
—
8
1215
1400
—
—
400
450
900
900
AN16VN0_B
AN56VN0_B
—
NEMA Size
00
0
1234
5678
Horsepower
1-1/2
5
10
25
50
75
150
300
600
900
Size 0
Non-reversing
Starter
Size 1
Reversing
Starter
Size 3
Vertical
Reversing
Starter
NEMA Size 0
Cat. No. AN56BN0AC
Coil Volts and Hertz
Code Suffix
120/60 or 110/50
240/60 or 220/50
480/60 or 440/50
600/60 or 550/50
A
B
C
D
208/60
277/60
208 – 240/60
240/50
E
H
J
K
380 – 415/50
550/50
24/60, 24/50
24/50
L
N
T
U
32/50
48/60
48/50
V
W
Y
Technical Data. . . . . . . . . . Pages 33-89 – 33-91
Overload Relay . . . . . . . . . Page 33-113
Dimensions . . . . . . . . . . . . Pages 33-106 – 33-108
Special Modifications . . . Page 33-100
Accessories . . . . . . . . . . . . Pages 33-92 – 33-100
Heater Packs . . . . . . . . . . . Pages 33-117 – 33-118
Discount Symbol . . . . . . . . 1CD1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com