Electronic Components Datasheet Search
  English  ▼

X  

MMBF170Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBF170Q
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBF170Q Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBF170Q Datasheet HTML 1Page - Diodes Incorporated MMBF170Q Datasheet HTML 2Page - Diodes Incorporated MMBF170Q Datasheet HTML 3Page - Diodes Incorporated MMBF170Q Datasheet HTML 4Page - Diodes Incorporated MMBF170Q Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBF170Q
Document number: DS37720 Rev. 1 - 2
2 of 5
www.diodes.com
January 2015
© Diodes Incorporated
MMBF170Q
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage RGS ≤ 1.0MΩ
VDGR
60
V
Gate-Source Voltage
Continuous
Pulsed
VGSS
±20
±40
V
Drain Current (Note 6)
Continuous
Pulsed
ID
500
800
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
PD
300
1.80
mW
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
K/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
(Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
70
⎯
V
VGS = 0V, ID = 100μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
1.0
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
⎯
⎯
±10
nA
VGS = ±15V, VDS = 0V
ON CHARACTERISTICS
(Note 7)
Gate Threshold Voltage
VGS(th)
0.8
2.1
3.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
⎯
⎯
5.0
5.3
Ω
VGS = 10V, ID = 200mA
VGS = 4.5V, ID = 50mA
Forward Transconductance
gFS
80
⎯
⎯
mS
VDS =10V, ID = 0.2A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
22
40
pF
VDS = 10V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
⎯
11
30
pF
Reverse Transfer Capacitance
Crss
⎯
2.0
5.0
pF
SWITCHING CHARACTERISTICS
Turn-On Time
ton
⎯
⎯
10
ns
VDD = 25V, ID = 0.5A,
VGS = 10V, RGEN = 50Ω
Turn-Off Time
toff
⎯
⎯
10
ns
Notes:
6. Device mounted on FR-4 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our
website at http://www.diodes.com.
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com