Electronic Components Datasheet Search
  English  ▼

X  

E5EC Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # E5EC
Description  Digital Temperature Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5EC Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button E5EC Datasheet HTML 17Page - Omron Electronics LLC E5EC Datasheet HTML 18Page - Omron Electronics LLC E5EC Datasheet HTML 19Page - Omron Electronics LLC E5EC Datasheet HTML 20Page - Omron Electronics LLC E5EC Datasheet HTML 21Page - Omron Electronics LLC E5EC Datasheet HTML 22Page - Omron Electronics LLC E5EC Datasheet HTML 23Page - Omron Electronics LLC E5EC Datasheet HTML 24Page - Omron Electronics LLC E5EC Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
E5CC/E5CC-U
21
Input Ranges
●Thermocouple/Platinum Resistance Thermometer (Universal inputs)
Shaded settings are the default settings.
The applicable standards for the input types are as follows:
K, J, T, E, N, R, S, B: JIS C 1602-1995, IEC 60584-1
JPt100: JIS C 1604-1989, JIS C 1606-1989
L: Fe-CuNi, DIN 43710-1985
Pt100: JIS C 1604-1997, IEC 60751
U: Cu-CuNi, DIN 43710-1985
PL II: According to Platinel II electromotive force charts from BASF (previously Engelhard)
W: W5Re/W26Re, ASTM E988-1990
●Analog input
* The range applies to the E5CC-U only for those manufactured in May 2014 or later.
Sensor
type
Platinum resistance
thermometer
Thermocouple
Infrared temperature
sensor
Sensor
specifica-
tion
Pt100
JPt100
K
J
T
E
L
U
N
R
S
B
W
PLII
10 to
70°C
60 to
120°C
115 to
165°C
140 to
260°C
2300
1800
1700
1600
1500
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
-100
-200
2300
1800
1700
1700
1300
1300
1300
850
850
850
600
500.0
500.0
500.0
400.0
400
400.0
400
400.0
260
120
165
100.0
100.0
90
100
0.0
0.0
00
000000
-20.0
-100
-20.0
-100
-200
-199.9
199.9
-200
-200
-199.9
-200
-200
-199.9
-200
Set value
01234
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Input type
Current
Voltage
Input
specification
4 to 20 mA
0 to 20 mA
1 to 5 V
0 to 5 V
0 to 10 V
0 to 50 mV*
Setting range
Usable in the following ranges by scaling:
-1999 to 9999, -199.9 to 999.9,
-19.99 to 99.99 or -1.999 to 9.999
Set value
25
26
27
28
29
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com