Electronic Components Datasheet Search
  English  ▼

X  

E5AC Datasheet(PDF) 59 Page - Omron Electronics LLC

Part # E5AC
Description  Digital Temperature Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AC Datasheet(HTML) 59 Page - Omron Electronics LLC

Back Button E5AC Datasheet HTML 55Page - Omron Electronics LLC E5AC Datasheet HTML 56Page - Omron Electronics LLC E5AC Datasheet HTML 57Page - Omron Electronics LLC E5AC Datasheet HTML 58Page - Omron Electronics LLC E5AC Datasheet HTML 59Page - Omron Electronics LLC E5AC Datasheet HTML 60Page - Omron Electronics LLC E5AC Datasheet HTML 61Page - Omron Electronics LLC E5AC Datasheet HTML 62Page - Omron Electronics LLC E5AC Datasheet HTML 63Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 112 page
background image
E5DC
59
External Connections
E5DC
Note: 1. The application of the terminals depends on the model.
2. Do not wire the terminals that are shown with a gray background.
3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less. If the cable length exceeds 30m,
compliance with EMC standards will not be possible.
4. Connect M3 crimped terminals.
Isolation/Insulation Block Diagrams
Note: Auxiliary outputs 1 to 2 are not insulated.
-
+
12
13
14
12
13
14
12
13
14
12
13
14
TC
Pt
+
-
mA
I
V
-
V
+
11
10
9
+
-
5
6
5
6
-
5
6
+
RX
QX
CX
C
Q
R
1
2
3
4
7
8
7
8
7
8
CT1
RS-485
B(+)
A(-)
3
4
RS-485
B(+)
A(-)
EV1
3
4
7
8
CT1
EV1
3
4
A
B
B
1
2
+
-
+
-
1
4
37
814
13
12
2
5
6
9
10
11
Sensor (Temperature/Analog) Input
Auxiliary output 2
Auxiliary output 1
Control Output
1 linear
current output
1 relay
output
1 voltage output
(for driving SSR)
Input Power Supply
(no polarity)
100 to 240 VAC
24 VAC/DC
Auxiliary Outputs
Control output
Relay output
250 VAC, 3 A (resistive load)
Voltage output (for driving SSR)
12 VDC, 21 mA
Linear current output
0 to 20 mA DC
Load: 500
Ω max.
4 to 20 mA DC
Relay outputs
250 VAC: 2 A (resistive load)
Auxiliary outputs 1, 2
Options
Control output
E5DC
Do not connect anything to the terminals
that are shaded gray.
017
One event input and one CT
016
One event input
015
Communications
002
Communications and 1 CT
Options
The E5DC is set for a K-type thermocouple (input type = 5) by default.
An input error (
s.err) will occur if the input type setting does not agree
with the temperature sensor. Check the input type.
SM
Sensor input and CT input
Communications and event input
Voltage output (for driving SSR) and linear current output
Relay output
Auxiliary outputs 1 and 2
: Reinforced insulation
: Functional isolation
Power
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com