Electronic Components Datasheet Search
  English  ▼

X  

MA001038240 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # MA001038240
Description  Material Content Data Sheet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA001038240 Datasheet(HTML) 1 Page - Infineon Technologies AG

  MA001038240 Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.
2.
3.
Material Content Data Sheet
Sales Product Name
IPA60R600P6
Issued
29. August 2013
MA#
MA001038240
Package
PG-TO220-3-111
Weight*
2240.13 mg
Construction Element
Material Group
Substances
CAS#
if applicable
Weight
[mg]
Average
Mass
[%]
Sum
[%]
Average
Mass
[ppm]
Sum
[ppm]
chip
inorganic material
silicon
7440-21-3
3.063
0.14
0.14
1367
1367
leadframe
non noble metal
iron
7439-89-6
0.687
0.03
307
inorganic material
phosphorus
7723-14-0
0.206
0.01
92
non noble metal
copper
7440-50-8
686.221
30.63
30.67
306331
306730
wire
non noble metal
aluminium
7429-90-5
0.699
0.03
0.03
312
312
encapsulation
organic material
carbon black
1333-86-4
2.213
0.10
988
plastics
epoxy resin
-
207.992
9.28
92848
inorganic material
silicondioxide
60676-86-0
896.137
40.01
49.39
400036
493873
leadfinish
non noble metal
tin
7440-31-5
7.942
0.35
0.35
3545
3545
plating
non noble metal
nickel
7440-02-0
0.305
0.01
136
inorganic material
phosphorus
7723-14-0
0.001
0.00
0.01
1
136
solder
non noble metal
antimony
7440-36-0
0.200
0.01
89
noble metal
silver
7440-22-4
0.499
0.02
223
non noble metal
tin
7440-31-5
1.297
0.06
0.09
579
891
heatspreader
non noble metal
iron
7439-89-6
0.433
0.02
193
inorganic material
phosphorus
7723-14-0
0.130
0.01
58
non noble metal
copper
7440-50-8
432.110
19.29
19.32
192895
193146
*deviation
< 10%
Sum in total:
100,00
1000000
Important Remarks:
Infineon Technologies AG provides full material declaration based on information provided by third parties and
has taken and continues to take reasonable steps to provide representative and accurate information.
Infineon Technologies AG and Infineon Technologies AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited information may not be available for release.
All statements are based on our present knowledge, are provided 'as is' and may be subject to change at any
time due to technical requirements and development without notification.
Company
Infineon Technologies AG
Address
81726 München
Internet
www.infineon.com


Similar Part No. - MA001038240

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA001038244 INFINEON-MA001038244 Datasheet
28Kb / 1P
Material Content Data Sheet
28. August 2013
More results

Similar Description - MA001038240

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA000851438 INFINEON-MA000851438 Datasheet
24Kb / 1P
Material Content Data Sheet
29. August 2013
MA000859868 INFINEON-MA000859868 Datasheet
28Kb / 1P
Material Content Data Sheet
28. August 2013
MA000870990 INFINEON-MA000870990 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA000979032 INFINEON-MA000979032 Datasheet
28Kb / 1P
Material Content Data Sheet
29. August 2013
MA000990710 INFINEON-MA000990710 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001056742 INFINEON-MA001056742 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001082472 INFINEON-MA001082472 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001095596 INFINEON-MA001095596 Datasheet
29Kb / 1P
Material Content Data Sheet
28. August 2013
MA001114474 INFINEON-MA001114474 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001145362 INFINEON-MA001145362 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com