Electronic Components Datasheet Search
  English  ▼

X  

MSP08A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MSP08A
Description  Thick Film Resistor Networks Single-In-Line, Molded SIP 01, 03, 05 Schematics 6, 8, 9 or 10 Pin A Profile and 6, 8 or 10 Pin C Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP08A Datasheet(HTML) 1 Page - Vishay Siliconix

  MSP08A Datasheet HTML 1Page - Vishay Siliconix MSP08A Datasheet HTML 2Page - Vishay Siliconix MSP08A Datasheet HTML 3Page - Vishay Siliconix MSP08A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 31510
Revision 25-Oct-00
www.vishay.com
38
MSP
Vishay Dale
For Technical Questions, contact: ff2aresistors@vishay.com
Thick Film Resistor Networks
Single-In-Line, Molded SIP; 01, 03, 05 Schematics
6, 8, 9 or 10 Pin "A" Profile and 6, 8 or 10 Pin "C" Profile
FEATURES
• 0.195" [4.95mm] "A" or 0.350" [8.89mm] "C" maximum seated
height
• Highly stable thick film
• Low temperature coefficient (- 55
°C to + 125°C) ± 100ppm/°C
• Rugged, molded case construction
• Reduces total assembly costs
• Compatible with automatic insertion equipment and reduces PC
board space
• Wide resistance range
• Available in tube pack or side-by-side pack
STANDARD ELECTRICAL SPECIFICATIONS
MODEL/
PROFILE
RESISTOR
RESISTANCE
STANDARD
TEMPERATURE
TCR
OPERATING
SCHEMATIC
POWER RATING
RANGE
TOLERANCE
COEFFICIENT
TRACKING*
VOLTAGE
Max. @ 70
°C*
(- 55
°C to + 125°C) (- 55°C to + 125°C)
Max.
W
Ω
± %
ppm/
°C
ppm/
°C
VDC
MSP01
A
0.20
10 - 2.2M
2 Standard
± 100
± 50ppm/°C
100
C
0.25
(1, 5, 10, 20)**
MSP03
A
0.30
10 - 2.2M
2 Standard
± 100
± 50ppm/°C
100
C
0.40
(1, 5, 10, 20)**
MSP05
A
0.20
10 - 2.2M
± 2 Standard
± 100
± 150ppm/°C
100
C
0.25
(
± 5%)**
PARAMETER
UNIT
MSP SERIES
Package Power Rating
See Derating Curves
(Maximum at + 25
°C and + 70°C
Voltage Coefficient of Resistance
V
eff
< 50ppm typical
Dielectric Strength
VAC
200
Isolation Resistance (03 Schematic)
Ω
> 100M
Operating Temperature Range
°C
- 55 to + 125
Storage Temperature Range
°C
- 55 to + 150
TECHNICAL SPECIFICATIONS
Marking Resistance to Solvents:
Permanency testing per MIL-STD-202, Method 215.
Solderability:
Per MIL-STD-202, Method 208E, RMA flux.
Body:
Molded epoxy.
Terminals:
Copper alloy, tin-lead plated.
Weight:
MSP06A = 0.4 gram
MSP06C = 0.7 gram
MSP08A = 0.5 gram
MSP08C = 0.9 gram
MSP09A = .55 gram
MSP10C = 1.1 gram
MSP10A = 0.6 gram
* Tighter tracking available
** Tolerances in brackets available on request
MECHANICAL SPECIFICATIONS


Similar Part No. - MSP08A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP08A001K00F VISHAY-MSP08A001K00F Datasheet
98Kb / 5P
Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
28-Jul-06
MSP08A001K00G VISHAY-MSP08A001K00G Datasheet
98Kb / 5P
Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
28-Jul-06
MSP08A001K00J VISHAY-MSP08A001K00J Datasheet
98Kb / 5P
Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
28-Jul-06
MSP08A001K00S VISHAY-MSP08A001K00S Datasheet
98Kb / 5P
Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
28-Jul-06
MSP08A001M00F VISHAY-MSP08A001M00F Datasheet
98Kb / 5P
Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
28-Jul-06
More results

Similar Description - MSP08A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
06-Aug-02
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
02-Aug-02
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
25-Aug-06
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
28-Jul-06
MSM VISHAY-MSM Datasheet
137Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
25-Jul-08
MSP VISHAY-MSP Datasheet
98Kb / 5P
Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
28-Jul-06
MSP06A011K00GEJ VISHAY-MSP06A011K00GEJ Datasheet
402Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
10-Jun-10
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
10-Jun-10
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
13-Feb-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com