Electronic Components Datasheet Search
  English  ▼

X  

JX080 Datasheet(PDF) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JX080
Description  Sensitive gate SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JX080 Datasheet(HTML) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JX080 Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JX080 Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JX080 Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JX080 Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd JX080 Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
JX080 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 2 / 5-
http://www.jjwdz.com
ELECTRICAL CHARACTERISTICS (Tj=25℃ unless otherwise specified)
Symbol
Test Condition
Value
Unit
MIN.
TYP.
MAX.
IGT
VD=12V RL=33Ω
-
50
200
μA
VGT
-
0.6
0.8
V
VGD
VD=VDRM Tj=110℃
0.2
-
-
V
IL
IG=1.2 IGT
-
-
6
mA
IH
IT=0.05A
-
-
5
mA
dV/dt
VD=2/3VDRM Tj=110℃ RGK=1KΩ
10
-
-
V
/μs
STATIC CHARACTERISTICS
Symbol
Parameter
Value(MAX)
Unit
VTM
IT=16A tp=380μs
Tj=25℃
1.5
V
IDRM
VD=VDRM VR=VRRM
Tj=25℃
5
μA
IRRM
Tj=110℃
100
μA
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
Rth(j-c)
junction to case
TO-251/ TO-252
20
℃/W
TO-220B(Non-Ins)
15
ORDERING INFORMATION
J X 08 05 H
JieJie Microelectronics Co.,Ltd
Sensitive gate SCRs
IT(RMS):8A
B:TO-220B(Non-Ins)
H:TO-251 K:TO-252
05: IGT
≤ 200μA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com