Electronic Components Datasheet Search
  English  ▼

X  

LM8262 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM8262
Description  Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8262 Datasheet(HTML) 2 Page - Texas Instruments

  LM8262 Datasheet HTML 1Page - Texas Instruments LM8262 Datasheet HTML 2Page - Texas Instruments LM8262 Datasheet HTML 3Page - Texas Instruments LM8262 Datasheet HTML 4Page - Texas Instruments LM8262 Datasheet HTML 5Page - Texas Instruments LM8262 Datasheet HTML 6Page - Texas Instruments LM8262 Datasheet HTML 7Page - Texas Instruments LM8262 Datasheet HTML 8Page - Texas Instruments LM8262 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LM8262
SNOS975G – MAY 2001 – REVISED AUGUST 2015
www.ti.com
Table of Contents
6.5
2.7V Electrical Characteristics ................................. 5
1
Features .................................................................. 1
6.6
5V Electrical Characteristics .................................... 6
2
Applications ........................................................... 1
6.7
+/
−11V Electrical Characteristics ............................. 7
3
Description ............................................................. 1
6.8
Typical Performance Characteristics ........................ 9
4
Revision History..................................................... 2
7
Device and Documentation Support.................. 12
5
Pin Configuration and Functions ......................... 3
7.1
Community Resources............................................ 12
6
Specifications......................................................... 4
7.2
Trademarks ............................................................. 12
6.1
Absolute Maximum Ratings ..................................... 4
7.3
Electrostatic Discharge Caution .............................. 12
6.2
ESD Ratings.............................................................. 4
7.4
Glossary .................................................................. 12
6.3
Recommended Operating Conditions ....................... 4
8
Mechanical, Packaging, and Orderable
6.4
Thermal Information .................................................. 4
Information ........................................................... 12
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (August 2014) to Revision G
Page
•
Changed pin 5 From: -IN B To: +IN B Non-Inverting Input B in the Pin Functions table ....................................................... 3
•
Changed pin 6 From: +IN B To: -IN B Inverting Input B in the Pin Functions table............................................................... 3
•
Moved "Storage temperature range" to the Absolute Maximum Ratings
(1) (2) ....................................................................... 4
•
Changed Handling Ratings To: ESD Ratings ........................................................................................................................ 4
Changes from Revision E (April 2013) to Revision F
Page
•
Changed data sheet structure and organization. Added, updated, or renamed the following sections: Device and
Documentation Support; Mechanical, Packaging, and Ordering Information......................................................................... 1
•
Changed from "Junction Temperature Range" to "Operating Temperature Range".............................................................. 4
•
Deleted TJ = 25°C, ................................................................................................................................................................. 5
•
Deleted TJ = 25°C, ................................................................................................................................................................. 6
•
Deleted TJ = 25°C................................................................................................................................................................... 7
Changes from Revision D (April 2013) to Revision E
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 10
2
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LM8262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com