Electronic Components Datasheet Search
  English  ▼

X  

OPA172ID Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA172ID
Description  36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA172ID Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA172ID Datasheet HTML 9Page - Texas Instruments OPA172ID Datasheet HTML 10Page - Texas Instruments OPA172ID Datasheet HTML 11Page - Texas Instruments OPA172ID Datasheet HTML 12Page - Texas Instruments OPA172ID Datasheet HTML 13Page - Texas Instruments OPA172ID Datasheet HTML 14Page - Texas Instruments OPA172ID Datasheet HTML 15Page - Texas Instruments OPA172ID Datasheet HTML 16Page - Texas Instruments OPA172ID Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
1.2
1.4
1.6
1.8
2.0
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
s = ±18V
V
s = ±2.25V
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
4
8
12
16
20
24
28
32
36
Supply Voltage (V)
C001
-140
-120
-100
-80
0.00001
0.0001
0.001
0.01
10
100
1k
10k
Frequency (Hz)
G = +1 V/V, RL = 10 k
G = +1 V/V, RL = 2 k
G = +1 V/V, RL = 600
G = -1 V/V, RL = 10 k
G = -1 V/V, RL = 2 k
G = -1 V/V, RL = 600
C007
V
OUT = 3.5 VRMS
BW = 80 kHz
-140
-120
-100
-80
-60
0.00001
0.0001
0.001
0.01
0.1
0.01
0.1
1
10
Output Amplitude (VRMS)
G = +1 V/V, RL = 10 k
G = +1 V/V, RL = 2 k
G = +1 V/V, RL = 600
G = -1 V/V, RL = 10 k
G = -1 V/V, RL = 2 k
G = -1 V/V, RL = 600
C008
f = 1 kHz
BW = 80 kHz
Time (1 s/div)
C002
1
10
100
1
10
100
1k
10k
100k
Frequency (Hz)
C001
OPA172, OPA2172, OPA4172
www.ti.com
SBOS618H – DECEMBER 2013 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
At VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 13. 0.1-Hz to 10-Hz Noise
Figure 14. Input Voltage Noise Spectral Density vs
Frequency
Figure 15. THD+N Ratio vs Frequency
Figure 16. THD+N vs Output Amplitude
Figure 17. Quiescent Current vs Temperature
Figure 18. Quiescent Current vs Supply Voltage
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA172 OPA2172 OPA4172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com