Electronic Components Datasheet Search
  English  ▼

X  

OPA191 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191
Description  Low Offset Voltage, Low Input Bias Current Op Amp
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA191 Datasheet(HTML) 2 Page - Texas Instruments

  OPA191 Datasheet HTML 1Page - Texas Instruments OPA191 Datasheet HTML 2Page - Texas Instruments OPA191 Datasheet HTML 3Page - Texas Instruments OPA191 Datasheet HTML 4Page - Texas Instruments OPA191 Datasheet HTML 5Page - Texas Instruments OPA191 Datasheet HTML 6Page - Texas Instruments OPA191 Datasheet HTML 7Page - Texas Instruments OPA191 Datasheet HTML 8Page - Texas Instruments OPA191 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
OPA191, OPA2191, OPA4191
SBOS701 – DECEMEBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 22
1
Features .................................................................. 1
8.3
Feature Description................................................. 23
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 29
3
Description ............................................................. 1
9
Application and Implementation ........................ 30
4
Revision History..................................................... 2
9.1
Application Information............................................ 30
5
Pin Configuration and Functions ......................... 3
9.2
Typical Applications ................................................ 30
6
Specifications......................................................... 5
10
Power-Supply Recommendations ..................... 34
6.1
Absolute Maximum Ratings ...................................... 5
11
Layout................................................................... 35
6.2
ESD Ratings.............................................................. 5
11.1
Layout Guidelines ................................................. 35
6.3
Recommended Operating Conditions ....................... 5
11.2
Layout Example .................................................... 36
6.4
Thermal Information: OPA191 .................................. 5
12
Device and Documentation Support ................. 37
6.5
Thermal Information: OPA2191 ................................ 6
12.1
Device Support...................................................... 37
6.6
Thermal Information: OPA4191 ................................ 6
12.2
Documentation Support ........................................ 37
6.7
Electrical Characteristics: VS = ±4 V to ±18 V (VS = 8
V to 36 V) ................................................................... 7
12.3
Related Links ........................................................ 37
6.8
Electrical Characteristics: VS = ±2.25 V to ±4 V (VS =
12.4
Community Resources.......................................... 37
4.5 V to 8 V)............................................................... 9
12.5
Trademarks ........................................................... 38
6.9
Typical Characteristics ............................................ 11
12.6
Electrostatic Discharge Caution ............................ 38
7
Parameter Measurement Information ................ 20
12.7
Glossary ................................................................ 38
7.1
Input Offset Voltage Drift......................................... 20
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 22
Information ........................................................... 38
8.1
Overview ................................................................. 22
4 Revision History
DATE
REVISION
NOTES
December 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPA191 OPA2191 OPA4191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com