Electronic Components Datasheet Search
  English  ▼

X  

LMP7702 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7702 Datasheet(HTML) 3 Page - Texas Instruments

  LMP7702 Datasheet HTML 1Page - Texas Instruments LMP7702 Datasheet HTML 2Page - Texas Instruments LMP7702 Datasheet HTML 3Page - Texas Instruments LMP7702 Datasheet HTML 4Page - Texas Instruments LMP7702 Datasheet HTML 5Page - Texas Instruments LMP7702 Datasheet HTML 6Page - Texas Instruments LMP7702 Datasheet HTML 7Page - Texas Instruments LMP7702 Datasheet HTML 8Page - Texas Instruments LMP7702 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
V
+
1
2
3
4
5
6
7
8
N/C
-IN
+IN
V
-
OUTPUT
N/C
N/C
+
-
OUT
V
-
IN+
V
+
IN-
+
-
1
2
3
5
4
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
5 Description (continued)
The LMP770x each have a rail-to-rail input stage that significantly reduces the CMRR glitch commonly
associated with rail-to-rail input amplifiers. This is achieved by trimming both sides of the complimentary input
stage, thereby reducing the difference between the NMOS and PMOS offsets. The output of the LMP770x
swings within 40 mV of either rail to maximize the signal dynamic range in applications requiring low supply
voltage.
The LMP7701 is offered in the space-saving 5-Pin SOT-23 and 8-Pin SOIC package. The LMP7702 is offered in
the 8-Pin SOIC and 8-Pin VSSOP package. The quad LMP7704 is offered in the 14-Pin SOIC and 14-Pin
TSSOP package. These small packages are ideal solutions for area constrained PC boards and portable
electronics.
6 Pin Configuration and Functions
LMP7701 DBV Package
LMP7701 D Package
5-Pin SOT-23
8-Pin SOIC
Top View
Top View
Pin Functions - LMP7701
PIN
I/O
DESCRIPTION
NAME
SOT-23
SOIC
IN+
3
3
I
Noninverting Input
IN–
4
2
I
Inverting Input
IN A +
—
—
I
Noninverting Input for Amplifier A
IN A–
—
—
I
Inverting Input for Amplifier A
IN B+
—
—
I
Noninverting Input for Amplifier B
IN B–
—
—
I
Inverting Input for Amplifier B
IN C+
—
—
I
Noninverting Input for Amplifier C
IN C–
—
—
I
Inverting Input for Amplifier C
IN D+
—
—
I
Noninverting Input for Amplifier D
IN D–
—
—
I
Inverting Input for Amplifier D
NC
—
1, 5, 8
—
No connection
OUT
1
6
O
Output
OUT A
—
—
O
Output for Amplifier A
OUT B
—
—
O
Output for Amplifier B
OUT C
—
—
O
Output for Amplifier C
OUT D
—
—
O
Output for Amplifier D
V+
5
7
P
Positive Supply
V–
2
4
P
Negative Supply
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com