Electronic Components Datasheet Search
  English  ▼

X  

LM7322QMA/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM7322QMA/NOPB
Description  Unlimited Capacitive Load Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7322QMA/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM7322QMA/NOPB Datasheet HTML 17Page - Texas Instruments LM7322QMA/NOPB Datasheet HTML 18Page - Texas Instruments LM7322QMA/NOPB Datasheet HTML 19Page - Texas Instruments LM7322QMA/NOPB Datasheet HTML 20Page - Texas Instruments LM7322QMA/NOPB Datasheet HTML 21Page - Texas Instruments LM7322QMA/NOPB Datasheet HTML 22Page - Texas Instruments LM7322QMA/NOPB Datasheet HTML 23Page - Texas Instruments LM7322QMA/NOPB Datasheet HTML 24Page - Texas Instruments LM7322QMA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
PD(MAX) =
150°C ± 125°C
165°C/W
= 0.15 W
PD(MAX) =
150°C ± 125°C
235°C/W
= 0.11 W
PD(MAX) =
150°C ± 25°C
165°C/W
= 0.76 W
PD(MAX) =
150°C ± 25°C
235°C/W
= 0.53 W
PD(MAX) =
TJ(MAX) - TA
TJA
LM7321, LM7322
www.ti.com
SNOSAW8E – MAY 2008 – REVISED SEPTEMBER 2015
Feature Description (continued)
The Op Amp Quiescent Power Dissipation is calculated as:
PQ = IS × VS
where
•
IS: Supply Current
•
VS: Total Supply Voltage (V
+ − V−)
(2)
The DC Load Power is calculated as:
PDC = IO × (Vr - Vo)
where
•
VO: Average Output Voltage
•
Vr: V
+ for sourcing and V− for sinking current
(3)
The AC Load Power is calculated as PAC = See Table 1.
Table 1 shows the maximum AC component of the load power dissipated by the op amp for standard Sinusoidal,
Triangular, and Square Waveforms:
Table 1. Normalized AC Power Dissipated in the Output Stage for Standard Waveforms
PAC (W.Ω/V
2)
Sinusoidal
Triangular
Square
50.7 × 10−3
46.9 × 10−3
62.5 × 10−3
The table entries are normalized to VS
2/R
L. To figure out the AC load current component of power dissipation,
simply multiply the table entry corresponding to the output waveform by the factor VS
2/R
L. For example, with ±12-
V supplies, a 600-
Ω load, and triangular waveform power dissipation in the output stage is calculated as:
PAC = (46.9 × 10−
3) × (242/600) = 45.0 mW
(4)
The maximum power dissipation allowed at a certain temperature is a function of maximum die junction
temperature (TJ(MAX)) allowed, ambient temperature TA, and package thermal resistance from junction to ambient,
θJA.
(5)
For the LM732xx, the maximum junction temperature allowed is 150°C at which no power dissipation is allowed.
The power capability at 25°C is given by the following calculations:
For VSSOP package:
(6)
For SOIC package:
(7)
Similarly, the power capability at 125°C is given by:
For VSSOP package:
(8)
For SOIC package:
(9)
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com