Electronic Components Datasheet Search
  English  ▼

X  

LMP7704MA/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7704MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7704MA/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMP7704MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP7704MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP7704MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP7704MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP7704MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP7704MA/NOPB Datasheet HTML 29Page - Texas Instruments LMP7704MA/NOPB Datasheet HTML 30Page - Texas Instruments LMP7704MA/NOPB Datasheet HTML 31Page - Texas Instruments LMP7704MA/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
ACID
BASE
0
2
4
7
10
12
14
+414 mV
-414 mV
-177 mV
0 mV
+177 mV
pH
SENSOR
V
+
V
-
RS
+
-
IB
VIN+
VS
+
-
LMP7701, LMP7702, LMP7704
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
www.ti.com
Typical Application (continued)
9.2.1 Design Requirements
pH electrodes are very high impedance sensors. As their name indicates, they are used to measure the pH of a
solution. They usually do this by generating an output voltage which is proportional to the pH of the solution. pH
electrodes are calibrated so that they have zero output for a neutral solution, pH = 7, and positive and negative
voltages for acidic or alkaline solutions. This means that the output of a pH electrode is bipolar and must be level
shifted to be used in a single supply system. The rate of change of this voltage is usually shown in mV/pH and is
different for different pH sensors. Temperature is also an important factor in a pH electrode reading. The output
voltage of the senor will change with temperature.
9.2.2 Detailed Design Procedure
Many sensors have high source impedances that may range up to 10 M
Ω. The output signal of sensors often
needs to be amplified or otherwise conditioned by means of an amplifier. The input bias current of this amplifier
can load the sensor's output and cause a voltage drop across the source resistance as shown in Figure 50,
where VIN
+ = V
S – IBIAS*RS
The last term, IBIAS*RS, shows the voltage drop across RS. To prevent errors introduced to the system due to this
voltage, an op amp with very low input bias current must be used with high impedance sensors. This is to keep
the error contribution by IBIAS*RS less than the input voltage noise of the amplifier, so that it will not become the
dominant noise factor.
Figure 50. Noise Due to IBIAS
Figure 51 shows a typical output voltage spectrum of a pH electrode. The exact values of output voltage will be
different for different sensors. In this example, the pH electrode has an output voltage of 59.15 mV/pH at 25°C.
Figure 51. Output Voltage of a pH Electrode
The temperature dependence of a typical pH electrode is shown in Figure 52. As is evident, the output voltage
changes with changes in temperature.
The schematic shown in Figure 49 is a typical circuit which can be used for pH measurement. The LM35 is a
precision integrated circuit temperature sensor. This sensor is differentiated from similar products because it has
an output voltage linearly proportional to Celcius measurement, without converting the temperature to Kelvin. The
LM35 is used to measure the temperature of the solution and feeds this reading to the Analog to Digital
Converter, ADC. This information is used by the ADC to calculate the temperature effects on the pH readings.
The LM35 needs to have a resistor, RT in Figure 49, to –V
+ to be able to read temperatures less than 0°C. R
T is
not needed if temperatures are not expected to be less than zero.
28
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com