Electronic Components Datasheet Search
  English  ▼

X  

S841 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S841
Description  ENTERPRISE SOLID-STATE DRIVES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S841 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S841 Datasheet HTML 1Page - List of Unclassifed Manufacturers S841 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product name
Specifications
Model / Part No.
HS8422T2TASS600
HS8422T80ASS600
HS8404040ASS600
0T00166
0T00197
0T00183
Configuration
Interface
SAS 6Gb/s
Capacity (GB)1 at 512 Bytes/sector
2000GB*/ 800GB / 400GB
Form factor
2.5”
Flash memory technology
Multi Level Cell (cMLC)
Performance
Read Throughput (max MB/s, Seq.64K)
520/525/525
Write Throughput (max MB/s, Seq 64K)
345/395/360
Read IOPS (max IOPS, Rnd 4K)
63,000/83,200/70,000
Write IOPS (max IOPS, Rnd 4K)
5,300/16,200/30,800
Reliability
Error rate (non-recoverable bits read)
1 in 1017
MTBF2 (M hours)
2.0
Availability (hrs/day x days/wk)
24x7
Endurance (max PB1, Rnd write)
25 (16K) / 14.4 (8K) / 7.2 (4K)
Power
Requirement
+5 VDC (+/-5%)
+12 VDC (+/-5%)
Operating (W, typical)
12/9/9
Physical size
z-height (mm)
15.0
Dimensions (width x depth, mm)
69.8 x 100.2
Weight (g, max.)
<400g
Environmental (operating)
Case temperature
0º to 60º C
Shock (half-sine wave)
150G (1.0ms)
Vibration, random (G RMS)
2.00 (10 to 500 Hz)
s841 SAS
DATA SHEET
ENTERPRISE SOLID-STATE DRIVES
1
One GB is equal to one billion bytes, one TB equals 1,000GB (one trillion bytes) and one PB equals 1,000TB (one quadrillion
bytes when referring to drive capacity. Accessible capacity will vary from the stated capacity due to formatting and
partitioning of the drive, the operating system and other factors.
2
MTBF target is based on a sample population and is estimated by statistical measurements and acceleration algorithms
under nominal operating conditions. MTBF ratings are not intended to predict an individual drive’s reliability. MTBF does not
constitute a warranty.
* 2000GB recommended for Read Intensive applications
DS16-EN-US-0815-09
© 2014-2015 HGST, Inc., 3403 Yerba Buena Road, San Jose, CA 95135 USA. Produced in the
United States 11/13, revised 8/15. All rights reserved.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which
HGST has obtained the rights to use, market and advertise the brand. Contact HGST for additional
information. HGST shall not be liable to third parties for unauthorized use of this document or
unauthorized use of its trademarks. Other trademarks are the property of their respective companies.
References in this publication to HGST’s products, programs, or services do not imply that HGST
intends to make these available in all countries in which it operates. Product specifications provided
are sample specifications and do not constitute a warranty. Information is true as of the date of
publication and is subject to change. Actual specifications for unique part numbers may vary. Please
visit the Support section of our website.
Please visit the Support section of our website, www.hgst.com/support, for additional information on
product specifications. Photographs may show design models.
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com