Electronic Components Datasheet Search
  English  ▼

X  

SSD1600MM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSD1600MM
Description  ENTERPRISE SOLID-STATE DRIVES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1600MM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSD1600MM Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1600MM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1600GB, 800GB, 400GB and 200GB
MLC | 2.5-inch SFF | SAS 12Gb/s
DATA SHEET
Ultrastar® SSD1600MM
Highlights
• MLC NAND Flash for ultra-high performance and
endurance
• Mainstream endurance 10DW/D for 5 years
• Best IOPS/Watt for reduced TCO
• 12Gb/s SAS interface for maximum throughput
• Advanced power loss data management technology
• Self-encrypting models conform to TCG’s Enterprise
specification
Applications/Environments
• Ultra-high performance tier-0 enterprise storage
• Enterprise-class servers and high performance computing
• Space and/or power constrained environments
• Online Transaction Processing (OLTP)
• Video pre- and post-production
• Financial and e-commerce
• Database analytics
ENTERPRISE SOLID-STATE DRIVES
The Ultrastar SSD1600MM family combines
enterprise-grade MLC NAND Flash memory, advanced
endurance management firmware and power loss data
management techniques to extend reliability, endurance
and sustained performance over the life of the SSD. The
Ultrastar SSD1600MM family achieves an extraordinary
0.35% annual failure rate (AFR) or 2.5 million hour mean-
time-between-failure (MTBF). The 1600GB capacity
model endures up to 29.2 Petabytes (PB) of random
writes over the life of the drive—the equivalent of writing
16 Terabytes (TB) per day for five years.
For complete end-to-end data protection and reliability,
the Ultrastar SSD1600MM family incorporates the
T10 Data Integrity Field (DIF) standard, extended error
correction code (ECC), Exclusive-OR (XOR) parity to
protect against Flash die failure, parity-checked internal
data paths without an external write cache, and an
exclusive power loss data management feature that does
not require supercapacitors. The Ultrastar SSD1600MM
family is backed by a five year limited warranty, or the
maximum Petabytes (PB) written (based on capacity).
HGST Enterprise Storage
Experience
HGST leverages decades of proven enterprise storage
expertise in Serial Attached SCSI (SAS) design, reliability,
firmware, customer qualification and system integration
to the Ultrastar® SSD1600MM solid-state drive (SSD)
family. The synergistic relationship between HGST’s
throughput-enhancing SSDs and traditional HDDs pro-
vides cost effective, end-to-end enterprise-class storage
solutions, delivering reliability, compatibility, capacity,
cost and system performance. This combination makes
HGST a leading SSD/HDD provider with the experience
and technology needed to meet escalating reliability,
endurance and performance in the most demanding
enterprise environments.
Maximum Performance,
Reliability and Endurance
The Ultrastar SSD1600MM delivers high sequential
throughput, up to 1100MB/s read and 765MB/s write
(12Gb/s SAS). It also delivers up to 130,000 read and
100,000 write IOPS, reaching speeds >100 times faster
than HDDs and double the speed of current 6Gb/s
SSDs, allowing rapid access to “hot” enterprise data for
improved productivity and operational efficiency. The
Ultrastar SSD1600MM family offers significant value
in terms of IOPS per Watt, while reducing total cost
of ownership (TCO) through low power consumption,
efficient cooling and reduced space requirements.
Features & Benefits
Performance
Power
Capacity
Reliability
Integration
Feature/function
• SAS 12Gb/s
• MLC NAND Flash memory
• 1100MB/s / 765MB/s sequential R/W
• 130K / 100K IOPS random R/W
• 110K IOPS on 70/30 mix R/W
9.0 and 11.0 Watt options
• 1600GB
• 800GB
• 400GB
• 200GB
• 0.35% AFR (2.5M hours MTBF)
• 1E-17 bit error rate
• T10 end-to-end data protection
• Exclusive-OR (XOR) NAND
• Power loss data management
• Unlimited reads, up to 29.2PB random writes (1600GB)
• HDD architecture commonality
• Systems integration and test lab
Benefit
• 12Gb/s / 6Gb/s Active-Active Dual Port
• Highest write performance with cost
improved NAND for high endurance
• Maximum throughput and IOPS for
ultra-fast access to data; >100x faster
than typical HDD
Improved performance
with higher power option
More capacity for less
space and power
• Reduced field replacement effort
• Enhanced error detection and correction for optimal
data integrity
• Protection against Flash die failure
• Assures data integrity during power failure
• Maximum endurance over the life of SSD
• Compatibility with Ultrastar SAS HDDs
• Extensive interoperability and compliance testing
HGST Quality and Service
HGST’s Ultrastar SSD1600MM family extends the
company’s long-standing tradition of performance and
reliability leadership. A balanced combination of new and
proven technologies enables high reliability and availability
to customer data. HGST drives are backed by an array
of technical support and services, which may include
customer and integration assistance. HGST is dedicated
to providing a complete portfolio of SSD/HDD solutions to
satisfy today’s monumental computing needs.


Similar Part No. - SSD1600MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1600MR ETC2-SSD1600MR Datasheet
316Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
More results

Similar Description - SSD1600MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S841 ETC2-S841 Datasheet
249Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
S842 ETC2-S842 Datasheet
151Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
S846-MICRO ETC2-S846-MICRO Datasheet
159Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
SSD400S.B ETC2-SSD400S.B Datasheet
294Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
SSD800MH.B ETC2-SSD800MH.B Datasheet
308Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
SSD800MH ETC2-SSD800MH Datasheet
294Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
SSD800MM ETC2-SSD800MM Datasheet
313Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
SSD1000MR ETC2-SSD1000MR Datasheet
310Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
SSD1600MR ETC2-SSD1600MR Datasheet
316Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
logo
Kingston Technology Far...
SEDC500R KINGSTON-SEDC500R Datasheet
1Mb / 2P
DATA CENTER DC500 ENTERPRISE SOLID-STATE DRIVES (SSDS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com