Electronic Components Datasheet Search
  English  ▼

X  

SM351RT Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SM351RT
Description  Magnetoresistive Sensor ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SM351RT Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SM351RT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SM351RT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SM351RT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SM351RT Datasheet HTML 4Page - Honeywell Solid State Electronics Center SM351RT Datasheet HTML 5Page - Honeywell Solid State Electronics Center SM351RT Datasheet HTML 6Page - Honeywell Solid State Electronics Center SM351RT Datasheet HTML 7Page - Honeywell Solid State Electronics Center SM351RT Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Sensing and Productivity Solutions
Magnetoresistive Sensor ICs
Standard Power Series: SM351RT, SM451R, SM353RT, SM453R
Table 1. Electrical Specifications (3 V < Vcc < 24 V, -40 °C < Ta < 85 °C [-40 °F < Ta < 185 °F] unless otherwise specified.)
CCharacteristic
Condition
Min.
Typ.
Max.
Unit
Supply voltage (Vcc)
Vcc reference to ground
3
12
24
V
Supply current:
off
on
—
Vcc = 5 V, T = 25 °C [77 °F]
Vcc = 5 V, T = 25 °C [77 °F
—
—
2.5
4
8
3.5
5
mA
Start-up time
Vcc > 3 V
—
—
10
µs
Output leakage current
Vcc = 24, off
—
—
10
µA
Output saturation voltage
load current = 20 mA
—
—
500
mV
Rise time
Fall time
Vcc = 5 V, R = 2 kOhm, C = 20 pF
Vcc = 5 V, R = 2 kOhm, C = 20 pF
—
—
—
—
1.5
1.5
µs
NOTICE
Absolute maximum ratings are the extreme limits that the device will withstand without damage to the
device. However, the electrical and mechanical characteristics are not guaranteed as the maximum limits
(above recommended operating conditions) are approached, nor will the device necessarily operate at
absolute maximum ratings.
Table 3. Absolute Maximum Ratings
C Characteristic
Condition
Min.
Typ.
Max.
Unit
Operating temperature
ambient
-40 [-40]
—
85 [185]
°C [°F]
Soldering temperature:
SM351RT, SM353RT
SM451R, SM453R
ambient applied for < 10 s
ambient applied for < 3 s
—
—
—
—
245 [473]
260 [500]
°C [°F]
Supply voltage (Vs)
—
-26
—
26
V
Load current
output sinking (open collector)
—
—
40
µA
NOTICE
The magnetic field strength (Gauss) required to cause the switch
to change state (operate and release) will be as specified in the
magnetic characteristics. To test the switch against the specified
magnetic characteristics, the switch must be placed in a uniform
magnetic field.
NOTICE
These magnetoresistive sensor ICs may have an initial output in
either the ON or OFF state if powered up with an applied magnetic
field in the differential zone (applied magnetic field >Brp and
<Bop). Honeywell recommends allowing 10 μs for output voltage
to stabilize after supply voltage has reached its final rated value.
Table 2. Magnetic Specifications (3 V < Vcc < 24 V, -40 °C < Ta < 85 °C [-40 °F < Ta < 185 °F].)
Characteristic
Min.
Typ.
Max.
Unit
SM351RT, SM451R:
operate (positive)
release (positive)
differential
3
2
—
7
4.8
2.2
11
9
—
Gauss
SM353RT, SM453R:
operate (positive)
release (positive)
differential
6
3
—
14
9.3
5.7
20
18
—
Gauss
CAUTION
ELECTROSTATIC
SENSITIVE
DEVICES
DO NOT OPEN OR HANDLE
EXCEPT AT A
STATIC FREE WORKSTATION
ESD SENSITIVITY:
CLASS 3A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com